Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

VTM48EF012T130A00 Datasheet(PDF) 4 Page - Vicor Corporation

No. de pieza VTM48EF012T130A00
Descripción Electrónicos  Transformer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VTM48EF012T130A00 Datasheet(HTML) 4 Page - Vicor Corporation

  VTM48EF012T130A00 Datasheet HTML 1Page - Vicor Corporation VTM48EF012T130A00 Datasheet HTML 2Page - Vicor Corporation VTM48EF012T130A00 Datasheet HTML 3Page - Vicor Corporation VTM48EF012T130A00 Datasheet HTML 4Page - Vicor Corporation VTM48EF012T130A00 Datasheet HTML 5Page - Vicor Corporation VTM48EF012T130A00 Datasheet HTML 6Page - Vicor Corporation VTM48EF012T130A00 Datasheet HTML 7Page - Vicor Corporation VTM48EF012T130A00 Datasheet HTML 8Page - Vicor Corporation VTM48EF012T130A00 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Rev. 1.7
1/2011
Page 4 of 17
V•I CHIP CORP. (A VICOR COMPANY) 25 FRONTAGE RD. ANDOVER, MA 01810 800-735-6200
vicorpower.com
PRELIMINARY DATASHEET
VTM48EF012T130A00
SIGNAL TYPE
STATE
ATTRIBUTE
SYMBOL
CONDITIONS / NOTES
MIN
TYP
MAX UNIT
TM voltage
VTM_AMB
TJ controller = 27°C
2.95
3.00
3.05
V
ANALOG
TM source current
ITM
100
µA
OUTPUT
Steady
TM gain
ATM
10
mV/°C
TM voltage ripple
VTM_PP
CTM = 0 F, VIN = 40 V,
120
200
mV
IOUT = 130 A
Disable
TM voltage
VTM_DIS
0V
DIGITAL OUTPUT
TM resistance (internal)
RTM_INT
Internal pull down resistor
25
40
50
k
Ω
Transitional
TM capacitance (external)
CTM_EXT
50
pF
(FAULT FLAG)
TM fault response time
TFR_TM
From fault to TM = 1.5 V
10
µs
• The TM pin monitors the internal temperature of the VTM controller IC
within an accuracy of ±5°C.
• Can be used as a "Power Good" flag to verify that the VTM is operating.
• The TM pin has a room temperature setpoint of 3 V
and approximate gain of 10 mV/°C.
• Output drives Temperature Shutdown comparator
TEMPERATURE MONITOR : TM
4.0 TIMING DIAGRAM
12
7
VIN
1. Initiated VC pulse
2. Controller start
3. VIN ramp up
4. VIN = VOVLO
5. VIN ramp down no VC pulse
6. Overcurrent
7. Start up on short circuit
8. PC driven low
VOUT
PC
3 V
VC
NL
5 V
VOVLO
TM
VTM-AMB
c
Notes:
– Timing and voltage is not to scale
– Error pulse width is load dependent
a: VC slew rate (dVC/dt)
b: Minimum VC pulse rate
c: TOVLO
d: TOCP
e: Output turn on delay (TON)
f: PC disable time (TPC_DIS_T)
g: VC to PC delay (TVC_PC)
d
ISSP
IOUT
IOCP
VVC-EXT
3
45
6
a
b
8
g
e
f
≥ 26 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com