Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AD5113 Datasheet(PDF) 12 Page - Analog Devices

No. de pieza AD5113
Descripción Electrónicos  Single-Channel, 64-Position, Push Button, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5113 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5113 Datasheet HTML 8Page - Analog Devices AD5113 Datasheet HTML 9Page - Analog Devices AD5113 Datasheet HTML 10Page - Analog Devices AD5113 Datasheet HTML 11Page - Analog Devices AD5113 Datasheet HTML 12Page - Analog Devices AD5113 Datasheet HTML 13Page - Analog Devices AD5113 Datasheet HTML 14Page - Analog Devices AD5113 Datasheet HTML 15Page - Analog Devices AD5113 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD5116
Data Sheet
Rev. 0 | Page 12 of 16
TEST CIRCUITS
Figure 32 to Figure 37 define the test conditions used in the Specifications section.
A
W
B
NC
IW
DUT
VMS
NC = NO CONNECT
Figure 32. Resistor Position Nonlinearity Error
(Rheostat Operation: R-INL, R-DNL)
A
W
B
DUT
VMS
V+
V+= VDD
1LSB = V+/2N
Figure 33. Potentiometer Divider Nonlinearity Error (INL, DNL)
+
–
DUT
0.1V
=
0.1V
IWB
IWB
W
B
NC = NO CONNECT
RW
A
NC
GND TO VDD
Figure 34. Wiper Resistance
A
W
B
VMS
~
VA
VDD
V+
V+=VDD ± 10%
∆VMS%
∆VDD%
PSS (%/%) =
PSRR (dB) = 20 log
∆VMS
∆VDD
Figure 35. Power Supply Sensitivity (PSS, PSRR)
OFFSET
GND
A
B
DUT
W
+15V
VIN
VOUT
OP42
–15V
2.5V
Figure 36. Gain and Phase vs. Frequency
DUT
ICM
W
B
VDD
GND
A
VDD
GND
GND
VDD
GND
VDD
Figure 37. Common-Mode Leakage Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com