| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
KIA278R025FP/PI Datasheet(PDF) 4 Page - KEC(Korea Electronics) |
|
|
|||||||||||||||||||||||||||||
KIA278R025FP/PI Datasheet(HTML) 4 Page - KEC(Korea Electronics) |
|
4 / 10 page ![]() 2005. 10. 21 4/10 KIA278R015FP/PI~KIA278R050FP/PI Revision No : 0 ELECTRICAL CHARACTERISTICS (KIA278R015) (Unless otherwise specified, VIN=VO+1V, IO=1A, Ta=25 ) CHARACTERISTIC SYMBOL CONDITIONS MIN. TYP. MAX. UNIT Input Voltage VIN - 2.35 - 7 V Output Voltage VO - 1.45 1.50 1.55 V Load Regulation Reg Load IO=5mA 2.0A - 0.2 2.0 % Line Regulation Reg Line VIN=2.5V~5.5V, IO=5mA - 0.05 1.0 % Temperature Coefficient of Output Voltage TCVO Tj=0 125 , IO=5mA - 0.02 0.05 %/ Ripple Rejection R R IOUT=0.5A, f=120Hz, Vripple=0.5Vrms 45 60 - dB Output ON state for control Voltage VC(ON) - 2.0 - - V Output ON state for control Current IC(ON) VC=2.7V - - 200 A Output OFF state for control Voltage VC(OFF) - - - 0.8 V Output OFF state for control Current IC(OFF) VC=0.4V - - 2.0 A Quiescent Current IQ IO=0A - 1 2 mA Quiescent Current (OFF Mode) IQ(OFF) VC=0.4V, IO=0A - 0.5 5 A ELECTRICAL CHARACTERISTICS (KIA278R018) (Unless otherwise specified, VIN=VO+1V, IO=1A, Ta=25 ) CHARACTERISTIC SYMBOL CONDITIONS MIN. TYP. MAX. UNIT Input Voltage VIN - 2.35 - 7 V Output Voltage VO - 1.75 1.8 1.85 V Load Regulation Reg Load IO=5mA 2.0A - 0.2 2.0 % Line Regulation Reg Line VIN=2.5V~5.5V, IO=5mA - 0.05 1.0 % Temperature Coefficient of Output Voltage TCVO Tj=0 125 , IO=5mA - 0.02 0.05 %/ Ripple Rejection R R IOUT=0.5A, f=120Hz, Vripple=0.5Vrms 45 60 - dB Output ON state for control Voltage VC(ON) - 2.0 - - V Output ON state for control Current IC(ON) VC=2.7V - - 200 A Output OFF state for control Voltage VC(OFF) - - - 0.8 V Output OFF state for control Current IC(OFF) VC=0.4V - - 2.0 A Quiescent Current IQ IO=0A - 1 2 mA Quiescent Current (OFF Mode) IQ(OFF) VC=0.4V, IO=0A - 0.5 5 A |