Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

KIA2575FP/PI33 Datasheet(PDF) 4 Page - KEC(Korea Electronics)

No. de pieza KIA2575FP/PI33
Descripción Electrónicos  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA2575FP/PI33 Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KIA2575FP/PI33 Datasheet HTML 1Page - KEC(Korea Electronics) KIA2575FP/PI33 Datasheet HTML 2Page - KEC(Korea Electronics) KIA2575FP/PI33 Datasheet HTML 3Page - KEC(Korea Electronics) KIA2575FP/PI33 Datasheet HTML 4Page - KEC(Korea Electronics) KIA2575FP/PI33 Datasheet HTML 5Page - KEC(Korea Electronics) KIA2575FP/PI33 Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2006. 7. 6
4/6
KIA2575FP/PI00 ~ KIA2575FP/PI12
Revision No : 1
-1.0
-1.5
0
0.5
1.0
1.5
-0.5
NORMALIZED OUTPUT VOLTAGE
025
75
50
-25
-50
100
125
JUNCTION TEMPERATURE ( )
C
C
VIN=20V
ILOAD = 1A
Normalized at
Tj=25
20
010
30
25
515
35
40
EFFICIENCY
INPUT VOLTAGE(V)
80
90
70
65
85
95
75
5V
3.5V
SWITCH CURRENT (A)
0.6
0.9
0.7
1.0
1.3
1.4
1.2
1.1
0.8
2
01
4
3
SWITCH SATURATION VOLTAGE
125 C
25 C
Tj = -40 C
VIN = 12V
SWITCH CURRENT LIMIT
5.0
4.5
3.5
4.0
5.5
025
75
50
-25
-50
100
125
JUNCTION TEMPERATURE ( )
C
JUNCTION TEMPERATURE ( )
C
VIN = 12V
VOUT = 5V
0
1.0
0.8
1.2
1.6
1.4
DROPOUT VOLTAGE
025
75
50
-25
-50
100
125
ILOAD = 3A
ILOAD = 1A
L =68
µH
RIND = 0.04Ω
VOUT = VREG = 50mV
OUTPUT VOLTAGE (V)
0.6
0
-0.2
-0.4
-0.6
0.4
1.0
0.2
1.4
1.2
0.8
20
0
10
30405060
LINE REGULATION
C
ILOAD =500mA
TJ=25
3.3V, 5V, 12V & ADJ



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com