Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

KIA2575FP/PI50 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

No. de pieza KIA2575FP/PI50
Descripción Electrónicos  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA2575FP/PI50 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA2575FP/PI50 Datasheet HTML 1Page - KEC(Korea Electronics) KIA2575FP/PI50 Datasheet HTML 2Page - KEC(Korea Electronics) KIA2575FP/PI50 Datasheet HTML 3Page - KEC(Korea Electronics) KIA2575FP/PI50 Datasheet HTML 4Page - KEC(Korea Electronics) KIA2575FP/PI50 Datasheet HTML 5Page - KEC(Korea Electronics) KIA2575FP/PI50 Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2006. 7. 6
1/6
SEMICONDUCTOR
TECHNICAL DATA
Revision No : 1
150kHz 1A Step-Down DC/DC Converter.
The KIA2575 series are monolithic IC that design for a step-down
DC/DC converter,and own the ability of driving a 1A load without
additional transistor component.
Due to reducing the number of
external component, the board space can be saved easily.
The external shutdown function can be controlled by logic level and
then come into standby mode.
The internal compensation makes feedback control have good line
and load regulation without external design.
Regarding protected
function,thermal shutdown is to prevent over temperature operating
from damage, and current limit is against over current operating of the
output switch. The KIA2575 series operates at a switching frequency
of 150kHz thus allowing smaller sized filter components than what
would be needed with lower frequency switching regulators.
D PAK-5
A
F
I
J
L
DIM
MILLIMETERS
A
B
C
D
E
I
8.0
0.5 0.15
0~0.25
F
J
L
M
N
O
0~0.15
8.8 0.2
+
_
9.8 0.2
+
_
15 0.3
+
_
5.0 0.2
+
_
1.7 0.1
+
_
4.0 0.2
+
_
1.27 0.13
+
_
+
_
G
0.8 0.1
+
_
6.7
K
Q
R
1.27 0.1
+
_
7.85
2.3 0.3
+
_
C
K
Q
G
R
N
M
O
2
1
2
3
3
4
5
Heat Sink is common
to
GND
KIA2575FP/PI00 ~
KIA2575FP/PI12
BIPOLAR LINEAR INTEGRATED CIRCUIT
FEATURES
Output voltage : 3.3V, 5V, 12V and adjustable output version.
Adjustable version output voltage range, 1.23V to 37V
150k
fixed switching frequency.
Voltage mode non-synchronous PWM control.
Thermal-shutdown and current-limit protection.
ON/OFF shutdown control input.
Operating voltage can be up to 40V.
Output load current. : 1A
TO-220-5 and D2PAK-5 packages.
Low power standby mode.
APPLICATION
Simple High-efficiency step-down regulator.
On-card switching regulators.
Positive to negative converter.
TO-220IS-5
F
G
D
H
E
I
K
M
J
L
A
DIM
MILLIMETERS
A
B
C
D
E
F
G
H
I
1.5
1.7
5.0
2.0
J
K
L
M
N
O
P
0.5
3.5
0.1
+
_
3.2
0.2
+
_
4.5
0.2
+
_
2.8
0.2
+
_
3.2
0.5
+
_
0.8
0.1
+
_
8.2
0.7
+
_
24.6
0.2
+
_
10
0.2
+
_
5.0
0.5
+
_
16.5
0.5
+
_
1
2
3
4
5
LINE UP
ITEM
OUTPUT VOLTAGE (V)
PACKAGE
* KIA2575FP/PI00
Adjustable (1.23~37V)
FP : D2PAK-5
PI : TO-220IS-5
* KIA2575FP/PI33
3.3
KIA2575FP/PI50
5.0
* KIA2575FP/PI12
12.0
Note) * : Under development.


Número de pieza similar - KIA2575FP/PI50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KIA2576FP KEC-KIA2576FP Datasheet
441Kb / 6P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA2576FP/PI00 KEC-KIA2576FP/PI00 Datasheet
441Kb / 6P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA2576FP/PI12 KEC-KIA2576FP/PI12 Datasheet
441Kb / 6P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA2576FP/PI33 KEC-KIA2576FP/PI33 Datasheet
441Kb / 6P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA2576FP/PI50 KEC-KIA2576FP/PI50 Datasheet
441Kb / 6P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Descripción similar - KIA2575FP/PI50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7127LSF AUK-S7127LSF Datasheet
94Kb / 4P
Bipolar Linear Integrated Circuit
logo
Toshiba Semiconductor
TA8233BHQ TOSHIBA-TA8233BHQ Datasheet
1Mb / 14P
Bipolar Linear Integrated Circuit
28-Sep-2004
logo
KEC(Korea Electronics)
KIA78MR05PI KEC-KIA78MR05PI Datasheet
1Mb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78R000F KEC-KIA78R000F Datasheet
103Kb / 10P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF_13 Datasheet
451Kb / 20P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com