Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

KIA2576FP/PI12 Datasheet(PDF) 3 Page - KEC(Korea Electronics)

No. de pieza KIA2576FP/PI12
Descripción Electrónicos  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA2576FP/PI12 Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KIA2576FP/PI12 Datasheet HTML 1Page - KEC(Korea Electronics) KIA2576FP/PI12 Datasheet HTML 2Page - KEC(Korea Electronics) KIA2576FP/PI12 Datasheet HTML 3Page - KEC(Korea Electronics) KIA2576FP/PI12 Datasheet HTML 4Page - KEC(Korea Electronics) KIA2576FP/PI12 Datasheet HTML 5Page - KEC(Korea Electronics) KIA2576FP/PI12 Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2006. 7. 6
3/6
KIA2576FP/PI00 ~ KIA2576FP/PI12
Revision No : 1
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VIN=12V for 3.3V, 5V, adjustable version and VIN=24V for the 12V version. ILOAD = 0.5A
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Feedback Bias Current
IFB
VFB=1.3V (Adjustable version only)
-
40
60
nA
100
Oscillator Frequency
FOSC
-
47
52
58
kHz
Saturation Voltage
VSAT
IOUT=3A, no outside circuit
VFB=0V force driver on
-
1.3
1.4
V
1.5
Max. Duty Cycle (ON)
DC
VFB=0V force driver on
-
100
-
%
Max. Duty Cycle (OFF)
VFB=12V force driver off
-
0
-
Current Limit
Ilimit
peak current no outside circuit
VFB=0V force driver on
3.6
4.5
6.9
A
Output = 0
Output Leakage
Current
IL
no outside circuit, VFB=12V force driver off
-
-
50
A
Output = -1
VIN=40V
-
2
30
mA
Quiescent Current
IQ
VFB=12V force driver off
-
5
10
mA
Standby Quiescent Current
ISTBY
ON/OFF pin=5V VIN=40V
-
300
500
A
600
ON/OFF pin Logic Input
Threshold Voltage
VIL
Low (regulator ON)
-
1.3
0.6
V
VIH
High (regulator OFF)
2.0
-
ON/OFF Pin Logic Input Current
IH
VLOGIC=2.5V (OFF)
-
5
15
A
ON/OFF Pin Input Current
IL
VLOGIC=0.5V (ON)
-
0.02
5
ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
SYMBOL
TEST CONDITION
TYP.
LIMIT
UNIT
Output Feedback
KIA2576FP/PI00
VFB
5V<VIN<40V, 0.2A ILOAD 3A
VOUT programmed for 3V
1.23
1.193/1.18
1.267/1.28
V
VMIN
VMAX
Efficiency
VIN = 12V, ILOAD=3A
73
-
%
Output Voltage
KIA2576FP/PI33
VOUT
5V<VIN<40V,
0.2A ILOAD 3A
3.3
3.168/3.135
3.432/3.465
V
VMIN
VMAX
Efficiency
VIN = 12V, ILOAD=3A
73
-
%
Output Voltage
KIA2576FP/PI50
VOUT
7.5V<VIN<40V,
0.2A ILOAD 3A
5
4.8/4.75
5.2/5.25
V
VMIN
VMAX
Efficiency
VIN=12V, ILOAD=3A
80
-
%
Output Voltage
KIA2576FP/PI12
VOUT
15V<VIN<40V, 0.2A ILOAD 3A
12
11.52/11.4
12.48/12.6
V
VMIN
VMAX
Efficiency
VIN=15V, ILOAD=3A
90
-
%
Specifications with boldface type are for full operating temperature range, the other type are for Tj=25
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VIN
45
V
ON/OFF Pin input Voltage
VON/OFF
-0.3 ~ +25
V
Feedback Pin Voltage
VFB
-0.3 ~ +25
V
Output Voltage to Ground
VOUT
-1
V
Power Dissipation 1
PI
PD1
1.5
W
FP
2.0
Power Dissipation 2
PI
PD2
15
W
FP
35
Storage Temperature
Tstg
-65 ~ +150
Operating Temperature
Topr
-40 ~ +125
Operating Voltage
Vopr
+5 ~ +40
V



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com