| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
KIA2596FP/PI12 Datasheet(PDF) 1 Page - KEC(Korea Electronics) |
|
|
|||||||||||||||||||||||||||||
KIA2596FP/PI12 Datasheet(HTML) 1 Page - KEC(Korea Electronics) |
|
1 / 6 page ![]() 2006. 7. 6 1/6 SEMICONDUCTOR TECHNICAL DATA Revision No : 2 150kHz 3A Step-Down DC/DC Converter. The KIA2596 series are monolithic IC that design for a step-down DC/DC converter,and own the ability of driving a 3A load without additional transistor component. Due to reducing the number of external component, the board space can be saved easily. The external shutdown function can be controlled by logic level and then come into standby mode. The internal compensation makes feedback control have good line and load regulation without external design. Regarding protected function,thermal shutdown is to prevent over temperature operating from damage, and current limit is against over current operating of the output switch. The KIA2596 series operates at a switching frequency of 150kHz thus allowing smaller sized filter components than what would be needed with lower frequency switching regulators. D PAK-5 A F I J L DIM MILLIMETERS A B C D E I 8.0 0.5 0.15 0~0.25 F J L M N O 0~0.15 8.8 0.2 + _ 9.8 0.2 + _ 15 0.3 + _ 5.0 0.2 + _ 1.7 0.1 + _ 4.0 0.2 + _ 1.27 0.13 + _ + _ G 0.8 0.1 + _ 6.7 K Q R 1.27 0.1 + _ 7.85 2.3 0.3 + _ C K Q G R N M O 2 1 2 3 3 4 5 Heat Sink is common to GND KIA2596FP/PI00 ~ KIA2596FP/PI12 BIPOLAR LINEAR INTEGRATED CIRCUIT FEATURES Output voltage : 3.3V, 5V, 12V and adjustable output version. Adjustable version output voltage range, 1.23V to 37V 150k fixed switching frequency. Voltage mode non-synchronous PWM control. Thermal-shutdown and current-limit protection. ON/OFF shutdown control input. Operating voltage can be up to 40V. Output load current. : 3A TO-220-5 and D2PAK-5 packages. Low power standby mode. APPLICATION Simple High-efficiency step-down regulator. On-card switching regulators. Positive to negative converter. TO-220IS-5 F G D H E I K M J L A DIM MILLIMETERS A B C D E F G H I 1.5 1.7 5.0 2.0 J K L M N O P 0.5 3.5 0.1 + _ 3.2 0.2 + _ 4.5 0.2 + _ 2.8 0.2 + _ 3.2 0.5 + _ 0.8 0.1 + _ 8.2 0.7 + _ 24.6 0.2 + _ 10 0.2 + _ 5.0 0.5 + _ 16.5 0.5 + _ 1 2 3 4 5 LINE UP ITEM OUTPUT VOLTAGE (V) PACKAGE KIA2596FP/PI00 Adjustable (1.23~37V) FP : D2PAK-5 PI : TO-220IS-5 KIA2596FP/PI33 3.3 KIA2596FP/PI50 5.0 KIA2596FP/PI12 12.0 |
Número de pieza similar - KIA2596FP/PI12 |
|
Descripción similar - KIA2596FP/PI12 |