Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AFS600 Datasheet(PDF) 212 Page - Microsemi Corporation

No. de pieza AFS600
Descripción Electrónicos  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 212 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 208Page - Microsemi Corporation AFS600 Datasheet HTML 209Page - Microsemi Corporation AFS600 Datasheet HTML 210Page - Microsemi Corporation AFS600 Datasheet HTML 211Page - Microsemi Corporation AFS600 Datasheet HTML 212Page - Microsemi Corporation AFS600 Datasheet HTML 213Page - Microsemi Corporation AFS600 Datasheet HTML 214Page - Microsemi Corporation AFS600 Datasheet HTML 215Page - Microsemi Corporation AFS600 Datasheet HTML 216Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 334 page
background image
Device Architecture
2- 19 6
R e v isio n 2
Timing Characteristics
Table 2-128 • 1.5 V LVCMOS Low Slew
Commercial Temperature Range Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V,
Worst-Case VCCI = 1.4 V
Applicable to Pro I/Os
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tPYS tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS Units
2 mA
Std.
0.66
14.11
0.04
1.70
2.14
0.43 14.37 13.14
3.40
2.68 16.61 15.37
ns
–1
0.56
12.00
0.04
1.44
1.82
0.36 12.22 11.17
2.90
2.28 14.13 13.08
ns
–2
0.49
10.54
0.03
1.27
1.60
0.32 10.73 9.81
2.54
2.00 12.40 11.48
ns
4 mA
Std.
0.66
11.23
0.04
1.70
2.14
0.43 11.44 9.87
3.77
3.36 13.68 12.10
ns
–1
0.56
9.55
0.04
1.44
1.82
0.36
9.73
8.39
3.21
2.86
11.63 10.29
ns
–2
0.49
8.39
0.03
1.27
1.60
0.32
8.54
7.37
2.81
2.51 10.21 9.04
ns
8 mA
Std.
0.66
10.45
0.04
1.70
2.14
0.43 10.65 9.24
3.84
3.55 12.88 11.48
ns
–1
0.56
8.89
0.04
1.44
1.82
0.36
9.06
7.86
3.27
3.02 10.96 9.76
ns
–2
0.49
7.81
0.03
1.27
1.60
0.32
7.95
6.90
2.87
2.65
9.62
8.57
ns
12 mA
Std.
0.66
10.02
0.04
1.70
2.14
0.43 10.20 9.23
3.97
4.22 12.44 11.47
ns
–1
0.56
8.52
0.04
1.44
1.82
0.36
8.68
7.85
3.38
3.59 10.58 9.75
ns
–2
0.49
7.48
0.03
1.27
1.60
0.32
7.62
6.89
2.97
3.15
9.29
8.56
ns
Note:
For the derating values at specific junction temperature and voltage supply levels, refer to Table 3-7 on page 3-9.
Table 2-129 • 1.5 V LVCMOS High Slew
Commercial Temperature Range Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V,
Worst-Case VCCI = 1.4 V
Applicable to Pro I/Os
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tPYS
tEOU
T
tZL
tZH
tLZ
tHZ
tZLS
tZHS Units
2 mA
Std.
0.66
8.53
0.04
1.70
2.14
0.43
7.26
8.53
3.39
2.79
9.50 10.77
ns
–1
0.56
7.26
0.04
1.44
1.82
0.36
6.18
7.26
2.89
2.37
8.08
9.16
ns
–2
0.49
6.37
0.03
1.27
1.60
0.32
5.42
6.37
2.53
2.08
7.09
8.04
ns
4 mA
Std.
0.66
5.41
0.04
1.70
2.14
0.43
5.22
5.41
3.75
3.48
7.45
7.65
ns
–1
0.56
4.60
0.04
1.44
1.82
0.36
4.44
4.60
3.19
2.96
6.34
6.50
ns
–2
0.49
4.04
0.03
1.27
1.60
0.32
3.89
4.04
2.80
2.60
5.56
5.71
ns
8 mA
Std.
0.66
4.80
0.04
1.70
2.14
0.43
4.89
4.75
3.83
3.67
7.13
6.98
ns
–1
0.56
4.09
0.04
1.44
1.82
0.36
4.16
4.04
3.26
3.12
6.06
5.94
ns
–2
0.49
3.59
0.03
1.27
1.60
0.32
3.65
3.54
2.86
2.74
5.32
5.21
ns
12 mA
Std.
0.66
4.42
0.04
1.70
2.14
0.43
4.50
3.62
3.96
4.37
6.74
5.86
ns
–1
0.56
3.76
0.04
1.44
1.82
0.36
3.83
3.08
3.37
3.72
5.73
4.98
ns
–2
0.49
3.30
0.03
1.27
1.60
0.32
3.36
2.70
2.96
3.27
5.03
4.37
ns
Note:
For the derating values at specific junction temperature and voltage supply levels, refer to Table 3-7 on
page 3-9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com