Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AFS600 Datasheet(PDF) 78 Page - Microsemi Corporation

No. de pieza AFS600
Descripción Electrónicos  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 78 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 74Page - Microsemi Corporation AFS600 Datasheet HTML 75Page - Microsemi Corporation AFS600 Datasheet HTML 76Page - Microsemi Corporation AFS600 Datasheet HTML 77Page - Microsemi Corporation AFS600 Datasheet HTML 78Page - Microsemi Corporation AFS600 Datasheet HTML 79Page - Microsemi Corporation AFS600 Datasheet HTML 80Page - Microsemi Corporation AFS600 Datasheet HTML 81Page - Microsemi Corporation AFS600 Datasheet HTML 82Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 334 page
background image
Device Architecture
2- 62
R e visio n 2
DINA and DINB
These are the input data signals, and they are nine bits wide. Not all nine bits are valid in all
configurations. When a data width less than nine is specified, unused high-order signals must be
grounded (Table 2-29).
DOUTA and DOUTB
These are the nine-bit output data signals. Not all nine bits are valid in all configurations. As with DINA
and DINB, high-order bits may not be used (Table 2-29). The output data on unused pins is undefined.
Table 2-29 • Unused/Used Input and Output Data Pins for Various Supported Bus Widths
D×W
DINx/DOUTx
Unused
Used
4k×1
[8:1]
[0]
2k×2
[8:2]
[1:0]
1k×4
[8:4]
[3:0]
512×9
None
[8:0]
Note:
The "x" in DINx and DOUTx implies A or B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More