Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AFS600 Datasheet(PDF) 234 Page - Microsemi Corporation

No. de pieza AFS600
Descripción Electrónicos  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 234 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 230Page - Microsemi Corporation AFS600 Datasheet HTML 231Page - Microsemi Corporation AFS600 Datasheet HTML 232Page - Microsemi Corporation AFS600 Datasheet HTML 233Page - Microsemi Corporation AFS600 Datasheet HTML 234Page - Microsemi Corporation AFS600 Datasheet HTML 235Page - Microsemi Corporation AFS600 Datasheet HTML 236Page - Microsemi Corporation AFS600 Datasheet HTML 237Page - Microsemi Corporation AFS600 Datasheet HTML 238Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 334 page
background image
Device Architecture
2- 21 8
R e v isio n 2
Input Register
Timing Characteristics
Figure 2-137 • Input Register Timing Diagram
50%
Preset
Clear
Out_1
CLK
Data
Enable
tISUE
50%
50%
tISUD
tIHD
50%
50%
tICLKQ
1
0
tIHE
tIRECPRE
tIREMPRE
tIRECCLR
tIREMCLR
tIWCLR
tIWPRE
tIPRE2Q
tICLR2Q
tICKMPWH tICKMPWL
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
Table 2-176 • Input Data Register Propagation Delays
Commercial Temperature Range Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V
Parameter
Description
–2
–1
Std.
Units
tICLKQ
Clock-to-Q of the Input Data Register
0.24
0.27
0.32
ns
tISUD
Data Setup Time for the Input Data Register
0.26
0.30
0.35
ns
tIHD
Data Hold Time for the Input Data Register
0.00
0.00
0.00
ns
tISUE
Enable Setup Time for the Input Data Register
0.37
0.42
0.50
ns
tIHE
Enable Hold Time for the Input Data Register
0.00
0.00
0.00
ns
tICLR2Q
Asynchronous Clear-to-Q of the Input Data Register
0.45
0.52
0.61
ns
tIPRE2Q
Asynchronous Preset-to-Q of the Input Data Register
0.45
0.52
0.61
ns
tIREMCLR
Asynchronous Clear Removal Time for the Input Data Register
0.00
0.00
0.00
ns
tIRECCLR
Asynchronous Clear Recovery Time for the Input Data Register
0.22
0.25
0.30
ns
tIREMPRE
Asynchronous Preset Removal Time for the Input Data Register
0.00
0.00
0.00
ns
tIRECPRE
Asynchronous Preset Recovery Time for the Input Data Register
0.22
0.25
0.30
ns
tIWCLR
Asynchronous Clear Minimum Pulse Width for the Input Data Register
0.22
0.25
0.30
ns
tIWPRE
Asynchronous Preset Minimum Pulse Width for the Input Data Register
0.22
0.25
0.30
ns
tICKMPWH
Clock Minimum Pulse Width High for the Input Data Register
0.36
0.41
0.48
ns
tICKMPWL
Clock Minimum Pulse Width Low for the Input Data Register
0.32
0.37
0.43
ns
Note:
For the derating values at specific junction temperature and voltage supply levels, refer to Table 3-7 on
page 3-9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com