Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AFS600 Datasheet(PDF) 268 Page - Microsemi Corporation

No. de pieza AFS600
Descripción Electrónicos  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 268 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 264Page - Microsemi Corporation AFS600 Datasheet HTML 265Page - Microsemi Corporation AFS600 Datasheet HTML 266Page - Microsemi Corporation AFS600 Datasheet HTML 267Page - Microsemi Corporation AFS600 Datasheet HTML 268Page - Microsemi Corporation AFS600 Datasheet HTML 269Page - Microsemi Corporation AFS600 Datasheet HTML 270Page - Microsemi Corporation AFS600 Datasheet HTML 271Page - Microsemi Corporation AFS600 Datasheet HTML 272Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 334 page
background image
DC and Power Characteristics
3- 18
R e visio n 2
Power per I/O Pin
Table 3-12 • Summary of I/O Input Buffer Power (per pin)—Default I/O Software Settings
VCCI (V)
Static Power
PDC7 (mW)1
Dynamic Power
PAC9 (µW/MHz)2
Applicable to Pro I/O Banks
Single-Ended
3.3 V LVTTL/LVCMOS
3.3
–
17.39
3.3 V LVTTL/LVCMOS – Schmitt trigger
3.3
–
25.51
2.5 V LVCMOS
2.5
–
5.76
2.5 V LVCMOS – Schmitt trigger
2.5
–
7.16
1.8 V LVCMOS
1.8
–
2.72
1.8 V LVCMOS – Schmitt trigger
1.8
–
2.80
1.5 V LVCMOS (JESD8-11)
1.5
–
2.08
1.5 V LVCMOS (JESD8-11) – Schmitt trigger
1.5
–
2.00
3.3 V PCI
3.3
–
18.82
3.3 V PCI – Schmitt trigger
3.3
–
20.12
3.3 V PCI-X
3.3
–
18.82
3.3 V PCI-X – Schmitt trigger
3.3
–
20.12
Voltage-Referenced
3.3 V GTL
3.3
2.90
8.23
2.5 V GTL
2.5
2.13
4.78
3.3 V GTL+
3.3
2.81
4.14
2.5 V GTL+
2.5
2.57
3.71
HSTL (I)
1.5
0.17
2.03
HSTL (II)
1.5
0.17
2.03
SSTL2 (I)
2.5
1.38
4.48
SSTL2 (II)
2.5
1.38
4.48
SSTL3 (I)
3.3
3.21
9.26
SSTL3 (II)
3.3
3.21
9.26
Differential
LVDS
2.5
2.26
1.50
LVPECL
3.3
5.71
2.17
Notes:
1. PDC7 is the static power (where applicable) measured on VCCI.
2. PAC9 is the total dynamic power measured on VCC and VCCI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com