| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AFS600 Datasheet(PDF) 109 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
AFS600 Datasheet(HTML) 109 Page - Microsemi Corporation |
|
109 / 334 page ![]() Fusion Family of Mixed Signal FPGAs R e visio n 2 2 - 93 CGS is not a fixed capacitance but, depending on the circuitry connected to its drain terminal, can vary significantly during the course of a turn-on or turn-off transient. Thus, EQ 6 on page 2-92 can only be used for a first-order estimate of the switching speed of the external MOSFET. Figure 2-73 • Gate Driver Example AG High Current High Current 1 μA3 μA 10 μA 30 μA 1 μA3 μA 10 μA 30 μA |