Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AFS600 Datasheet(PDF) 200 Page - Microsemi Corporation

No. de pieza AFS600
Descripción Electrónicos  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 200 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 196Page - Microsemi Corporation AFS600 Datasheet HTML 197Page - Microsemi Corporation AFS600 Datasheet HTML 198Page - Microsemi Corporation AFS600 Datasheet HTML 199Page - Microsemi Corporation AFS600 Datasheet HTML 200Page - Microsemi Corporation AFS600 Datasheet HTML 201Page - Microsemi Corporation AFS600 Datasheet HTML 202Page - Microsemi Corporation AFS600 Datasheet HTML 203Page - Microsemi Corporation AFS600 Datasheet HTML 204Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 334 page
background image
Device Architecture
2- 18 4
R e v isio n 2
Timing Characteristics
Table 2-112 • 2.5 V LVCMOS Low Slew
Commercial Temperature Range Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V,
Worst-Case VCCI = 2.3 V
Applicable to Pro I/Os
Drive
Strength
Speed
Grade tDOUT
tDP
tDIN
tPY
tPYS tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS Units
4 mA
Std.
0.60
12.00 0.04
1.51
1.66
0.43
12.23 11.61 2.72
2.20
14.46 13.85
ns
–1
0.51
10.21 0.04
1.29
1.41
0.36
10.40
9.88
2.31
1.87
12.30 11.78
ns
–2
0.45
8.96
0.03
1.13
1.24
0.32
9.13
8.67
2.03
1.64
10.80 10.34
ns
8 mA
Std.
0.60
8.73
0.04
1.51
1.66
0.43
8.89
8.01
3.10
2.93
11.13 10.25
ns
–1
0.51
7.43
0.04
1.29
1.41
0.36
7.57
6.82
2.64
2.49
9.47
8.72
ns
–2
0.45
6.52
0.03
1.13
1.24
0.32
6.64
5.98
2.32
2.19
8.31
7.65
ns
12 mA
Std.
0.66
6.77
0.04
1.51
1.66
0.43
6.90
6.11
3.37
3.39
9.14
8.34
ns
–1
0.56
5.76
0.04
1.29
1.41
0.36
5.87
5.20
2.86
2.89
7.77
7.10
ns
–2
0.49
5.06
0.03
1.13
1.24
0.32
5.15
4.56
2.51
2.53
6.82
6.23
ns
16 mA
Std.
0.66
6.31
0.04
1.51
1.66
0.43
6.42
5.73
3.42
3.52
8.66
7.96
ns
–1
0.56
5.37
0.04
1.29
1.41
0.36
5.46
4.87
2.91
3.00
7.37
6.77
ns
–2
0.49
4.71
0.03
1.13
1.24
0.32
4.80
4.28
2.56
2.63
6.47
5.95
ns
24 mA
Std.
0.66
5.93
0.04
1.51
1.66
0.43
6.04
5.70
3.49
4.00
8.28
7.94
ns
–1
0.56
5.05
0.04
1.29
1.41
0.36
5.14
4.85
2.97
3.40
7.04
6.75
ns
–2
0.49
4.43
0.03
1.13
1.24
0.32
4.51
4.26
2.61
2.99
6.18
5.93
ns
Note:
For the derating values at specific junction temperature and voltage supply levels, refer to Table 3-7 on
page 3-9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com