Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MIC5264-2.85/1.8YML Datasheet(PDF) 3 Page - Micrel Semiconductor

No. de pieza MIC5264-2.85/1.8YML
Descripción Electrónicos  150mA 關Cap Dual LDO Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICREL [Micrel Semiconductor]
Página de inicio  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5264-2.85/1.8YML Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5264-2.85/1.8YML Datasheet HTML 1Page - Micrel Semiconductor MIC5264-2.85/1.8YML Datasheet HTML 2Page - Micrel Semiconductor MIC5264-2.85/1.8YML Datasheet HTML 3Page - Micrel Semiconductor MIC5264-2.85/1.8YML Datasheet HTML 4Page - Micrel Semiconductor MIC5264-2.85/1.8YML Datasheet HTML 5Page - Micrel Semiconductor MIC5264-2.85/1.8YML Datasheet HTML 6Page - Micrel Semiconductor MIC5264-2.85/1.8YML Datasheet HTML 7Page - Micrel Semiconductor MIC5264-2.85/1.8YML Datasheet HTML 8Page - Micrel Semiconductor MIC5264-2.85/1.8YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Micrel, Inc.
MIC5264
May 2006
3
M9999-052406
(408) 955-1690
Pin Configuration
EN2
GND2
5
1
GND1
IN1
OUT1
BYP2
10 EN1
BYP1
OUT2
IN2
9
8
7
2
3
4
6
2.5mm × 2.5mm MLF-10L (ML)
Pin Description
Pin Number
Pin Name
Pin Function
1
GND1
Ground
2
IN1
Supply Voltage
3
OUT1
Regulator Output
4
BYP2
Reference Bypass: Connect external 0.01µF <= CBYP <= 1.0µF capacitor to
GND to reduce output noise. Do not leave open.
5
EN2
Enable/Shutdown (Input): CMOS compatible input. Logic high = enable; logic low
= shutdown. Do not leave open.
6
GND2
Ground
7
IN2
Supply Voltage
8
OUT2
Regulator Output
9
BYP1
Reference Bypass: Connect external 0.01µF <= CBYP <= 1.0µF capacitor to
GND to reduce output noise. Do not leave open.
10
EN1
Enable/Shutdown (Input): CMOS compatible input. Logic high = enable; logic low
= shutdown. Do not leave open.
EP
Exposed Pad
Exposed Pad. Connect to external ground pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com