| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
IXDN0036 Datasheet(PDF) 23 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
IXDN0036 Datasheet(HTML) 23 Page - IXYS Corporation |
|
23 / 41 page ![]() ATPWMx Demonstrator Software 6-24 ATAVRFBKIT / EVLD001 User Guide 7597A–AVR–02/06 Figure 6-3. Control State Machine The different states are outlined below: INIT_SELECT_CONTROL_MEANS The DALI bus is initialized in order to be able to receive a DALI message in case this bus is used as the control means for the ballast. In case a DALI message arrives at once, g_control_means is set to USE_DALI_CONTROL, and the gv_control_state is set to DALI_MESSAGE_EXPLOITATION, otherwise gv_co ntrol_state is set to WAIT_FOR_FIRST_COMMAND. INIT_SELECT_CONTROL_MEANS CONTROL_OFF WAIT_FOR_FIRST_COMMAND ZERO_TEN_VOLT_CONTROL SWISS_CONTROL INIT_DALI DALI_MESSAGE_EXPLOITATION WAIT_FOR_DALI_TX_COMPLETED WAIT_FOR_DALI_MESSAGE SET_DALI_IN_RX_MODE No immediate DALI message DALI message PINE2 = = 0 Swiss command gv_request_lamp_off = = 1 during V_LAMP_CONV or I_LAMP_CONV in ADC state machine in ADC state machine DALI message g_control_means = = USE_ZERO_TEN_VOLT_CONTROL g_control_means = = USE_SWISS_CONTROL g_control_means = = USE_DALI_CONTROL DALI message No DALI message DALI expects an answer DALI TX completed |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |