Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DS1921G Datasheet(PDF) 7 Page - Maxim Integrated Products

No. de pieza DS1921G
Descripción Electrónicos  Thermochron iButton
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1921G Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS1921G_12 Datasheet HTML 3Page - Maxim Integrated Products DS1921G_12 Datasheet HTML 4Page - Maxim Integrated Products DS1921G_12 Datasheet HTML 5Page - Maxim Integrated Products DS1921G_12 Datasheet HTML 6Page - Maxim Integrated Products DS1921G_12 Datasheet HTML 7Page - Maxim Integrated Products DS1921G_12 Datasheet HTML 8Page - Maxim Integrated Products DS1921G_12 Datasheet HTML 9Page - Maxim Integrated Products DS1921G_12 Datasheet HTML 10Page - Maxim Integrated Products DS1921G_12 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
Detailed Description
The DS1921G Thermochron iButton is an ideal device
to monitor the temperature of any object it is attached
to or shipped with, such as perishable goods or con-
tainers of temperature-sensitive chemicals. The gener-
al-purpose battery-backed SRAM can store an
electronic copy of shipping information, date of manu-
facture and other important data written as clear as well
as encrypted files. Note that the initial sealing level of
the DS1921G achieves IP56. Aging and use conditions
can degrade the integrity of the seal over time, there-
fore, for applications with significant exposure to liq-
uids, sprays, or other similar environments, it is
recommended to place the Thermochron in the DS9107
iButton capsule. The DS9107 provides a watertight
enclosure that has been rated to IP68 (refer to
Application Note 4126:
Understanding the IP (Ingress
Protection) Ratings of iButton Data Loggers and
Capsule).
Overview
Figure 1 shows the relationships between the major
control and memory sections of the DS1921G. The
device has seven main data components: 64-bit
lasered ROM; 256-bit scratchpad; 4096-bit general-
purpose SRAM; 256-bit register page of timekeeping,
control, and counter registers; 96 bytes of alarm time-
stamp and duration logging memory; 126 bytes of
Thermochron iButton
_______________________________________________________________________________________
7
GENERAL-PURPOSE
SRAM
ALARM TIMESTAMP AND
DURATION LOGGING
MEMORY
REGISTER PAGE
MEMORY
FUNCTION
CONTROL
64-BIT
LASERED
ROM
256-BIT
SCRATCHPAD
CONTROL
LOGIC
32.768kHz
OSCILLATOR
3V LITHIUM
IO
TEMPERATURE
CORE
DATA-LOG MEMORY
INTERNAL
TIMEKEEPING,
CONTROL REGISTERS,
AND COUNTERS
HISTOGRAM
MEMORY
ROM
FUNCTION
CONTROL
1-Wire PORT
PARASITE-POWERED
CIRCUITRY
DS1921G
Figure 1. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com