Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

U74AHC1G125G-AF5-R Datasheet(PDF) 5 Page - Unisonic Technologies

No. de pieza U74AHC1G125G-AF5-R
Descripción Electrónicos  SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC1G125G-AF5-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U74AHC1G125G-AF5-R Datasheet HTML 1Page - Unisonic Technologies U74AHC1G125G-AF5-R Datasheet HTML 2Page - Unisonic Technologies U74AHC1G125G-AF5-R Datasheet HTML 3Page - Unisonic Technologies U74AHC1G125G-AF5-R Datasheet HTML 4Page - Unisonic Technologies U74AHC1G125G-AF5-R Datasheet HTML 5Page - Unisonic Technologies U74AHC1G125G-AF5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
U74AHC1G125
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-683.A
TEST CIRCUIT AND WAVEFORMS
TEST
S1
tPLH/tPHL
Open
tPLZ/tPZL
VLOAD
tPHZ/tPZH
GND
VCC
Input
VM
VLOAD
CL
RL
VΔ
VIN
tR, tF
3.3V±0.3V
VCC
≤3ns
VCC/2
VCC
15pF
1kΩ
0.3V
50pF
5V±0.5V
VCC
≤3ns
VCC/2
VCC
15pF
1kΩ
0.5V
50pF



Html Pages

1 2 3 4 5 6