Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TL431BCLPR Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TL431BCLPR
Descripción Electrónicos  PRECISION PROGRAMMABLE REFERENCE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TL431BCLPR Datasheet(HTML) 29 Page - Texas Instruments

Back Button TL431BCLPR Datasheet HTML 25Page - Texas Instruments TL431BCLPR Datasheet HTML 26Page - Texas Instruments TL431BCLPR Datasheet HTML 27Page - Texas Instruments TL431BCLPR Datasheet HTML 28Page - Texas Instruments TL431BCLPR Datasheet HTML 29Page - Texas Instruments TL431BCLPR Datasheet HTML 30Page - Texas Instruments TL431BCLPR Datasheet HTML 31Page - Texas Instruments TL431BCLPR Datasheet HTML 32Page - Texas Instruments TL431BCLPR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 79 page
background image
R
(see Note A)
VO
TL431
VI(BATT)
2N222
2N222
4.7 kΩ
R1
0.1%
R2
0.1%
0.01 µF
30 Ω
O
ref
R1
V
= 1 +
V
R2
æ
ö
ç
÷
è
ø
VO
TL431
VI(BATT)
uA7805
IN
OUT
Common
R1
R2
V
O
1
R1
R2
V
ref
Minimum V
O
V
ref
5 V
=
+
=
+
(
(
VO
TL431
VI(BATT)
R1
R2
V
O
1
R1
R2
V
ref
=
+
(
(
VO
TL431
VI(BATT)
R1
R2
C
(see Note A)
TL431, TL431A, TL431B
TL432, TL432A, TL432B
www.ti.com
SLVS543L
– AUGUST 2004 – REVISED FEBRUARY 2011
A.
R should provide cathode current
≥1 mA to the TL431 at minimum V(BATT).
Figure 19. Precision High-Current Series Regulator
Figure 20. Output Control of a Three-Terminal Fixed Regulator
Figure 21. High-Current Shunt Regulator
A.
Refer to the stability boundary conditions in Figure 15 and Figure 16 to determine allowable values for C.
Figure 22. Crowbar Circuit
Copyright
© 2004–2011, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): TL431 TL431A TL431B TL432 TL432A TL432B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com