Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LTC2216 Datasheet(PDF) 21 Page - Linear Technology

No. de pieza LTC2216
Descripción Electrónicos  16-Bit, 20Msps Low Power ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC2216 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2216 Datasheet HTML 17Page - Linear Technology LTC2216 Datasheet HTML 18Page - Linear Technology LTC2216 Datasheet HTML 19Page - Linear Technology LTC2216 Datasheet HTML 20Page - Linear Technology LTC2216 Datasheet HTML 21Page - Linear Technology LTC2216 Datasheet HTML 22Page - Linear Technology LTC2216 Datasheet HTML 23Page - Linear Technology LTC2216 Datasheet HTML 24Page - Linear Technology LTC2216 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTC2159
21
2159f
applicaTions inForMaTion
DATA FORMAT
Table 1 shows the relationship between the analog input
voltage, the digital data output bits and the overflow bit.
By default the output data format is offset binary. The 2’s
complement format can be selected by serially program-
ming mode control register A4.
Digital Output Randomizer
Interference from the A/D digital outputs is sometimes
unavoidable.Digitalinterferencemaybefromcapacitiveor
inductive coupling or coupling through the ground plane.
Even a tiny coupling factor can cause unwanted tones
in the ADC output spectrum. By randomizing the digital
output before it is transmitted off chip, these unwanted
tones can be randomized which reduces the unwanted
tone amplitude.
The digital output is randomized by applying an exclusive-
OR logic operation between the LSB and all other data
output bits. To decode, the reverse operation is applied
—an exclusive-OR operation is applied between the LSB
and all other bits. The LSB, OF and CLKOUT outputs are
not affected. The output randomizer is enabled by serially
programming mode control register A4.
Figure 15. Functional Equivalent of Digital Output Randomizer
Figure 16. Unrandomizing a Randomized Digital Output Signal
Alternate Bit Polarity
Another feature that reduces digital feedback on the circuit
board is the alternate bit polarity mode. When this mode is
enabled, all of the odd bits (D1, D3, D5, D7, D9, D11, D13,
D15) are inverted before the output buffers. The even bits
(D0, D2, D4, D6, D8, D10, D12, D14), OF and CLKOUT are
not affected. This can reduce digital currents in the circuit
board ground plane and reduce digital noise, particularly
for very small analog input signals.
When there is a very small signal at the input of the A/D
thatiscenteredaroundmid-scale,thedigitaloutputstoggle
between mostly 1’s and mostly 0’s. This simultaneous
switchingofmostofthebitswillcauselargecurrentsinthe
ground plane. By inverting every other bit, the alternate bit
polarity mode makes half of the bits transition high while
half of the bits transition low. This cancels current flow in
the ground plane, reducing the digital noise.
The digital output is decoded at the receiver by inverting
the odd bits (D1, D3, D5, D7, D9, D11, D13, D15.) The
alternate bit polarity mode is independent of the digital
output randomizer—either, both or neither function can
be on at the same time. The alternate bit polarity mode is
enabledbyseriallyprogrammingmodecontrolregisterA4.
CLKOUT
CLKOUT
OF
D15/D0
D14/D0
D2/D0
D1/D0
D0
2159 F15
OF
D15
D14
D2
D1
D0
RANDOMIZER
ON
D15
FPGA
PC BOARD
D14
D2
D1
D0
2159 F16
D0
D1/D0
D2/D0
D14/D0
D15/D0
OF
CLKOUT
LTC2159



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com