Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SC59 Datasheet(PDF) 27 Page - Diodes Incorporated

No. de pieza SC59
Descripción Electrónicos  SUGGESTED PAD LAYOUT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SC59 Datasheet(HTML) 27 Page - Diodes Incorporated

Back Button SC59 Datasheet HTML 19Page - Diodes Incorporated SC59 Datasheet HTML 20Page - Diodes Incorporated SC59 Datasheet HTML 21Page - Diodes Incorporated SC59 Datasheet HTML 22Page - Diodes Incorporated SC59 Datasheet HTML 23Page - Diodes Incorporated SC59 Datasheet HTML 24Page - Diodes Incorporated SC59 Datasheet HTML 25Page - Diodes Incorporated SC59 Datasheet HTML 26Page - Diodes Incorporated SC59 Datasheet HTML 27Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 27 / 27 page
background image
ALL DIMENSIONS ARE NOMINAL VALUES SHOWN IN MILLIMETERS
Note: The suggested land pattern dimensions have been provided for reference only, as actual pad layouts may vary depending on application.
These numbers may be modified based on user equipment capability or fabrication criteria. A more robust pattern may be desired for wave
soldering and is calculated by adding 0.2 mm to the ‘Z’ dimension. For further information, please reference document IPC-7351A, Naming
Convention for Standard SMT Land Patterns, and for International grid details, please see document IEC, Publication 97.
AP02001 Rev. 52
27 of 27
www.diodes.com
Suggested Pad Layout
© Diodes Incorporated
X2-WLB1818-4
Dimensions
Value
(in mm)
C
0.65
D
0.30
X2-WLB2718-6
Dimensions
Value
(in mm)
C
0.65
D
0.30
C
A
B
2
1
C
D
D
6 x
C
A
B
2
1
C
C
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27