| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SPC5642AF2MLU1 Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPC5642AF2MLU1 Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc |
|
47 / 120 page ![]() VDDEH721 I/O supply input — — I 3.3 V – 5.0 V I / — VDDEH7 — D12 B22, C21, D15, D20, E19, F19, H19, J14 VDDEH7A21 I/O supply input — — I 3.3 V – 5.0 V I / — VDDEH7A 125 — — VDDEH7B21 I/O supply input — — I 3.3 V – 5.0 V I / — VDDEH7B 138 — — VSS Ground — — I — I / — VSS 15, 29, 43, 57, 72, 90, 94, 96, 108, 115, 127, 133, 140 A1, A16, B2, B15, C3, C14, D4, D13, G7, G8, G9, G10, H7, H8, H9, H10, J7, J8, J9, J10, K7, K8, K9, K10, M16, N4, N13, P3, P14, R2, R15, T1, T16 A1, A22, B2, B21, C3, C20, D4, D17, D19, F21, H21, J9, J10, J11, J12, J13, K9, K10, K11, K12, K13, K14, L9, L10, L11, L12, L13, L14, L21, M11, M12, M13, M14, N9, N10, N12, N13, N14, N21, P9, P10, P12, P13, P14, T19, T21, T22, W4, Y3, Y20, AA21, AB1, AB22 1 The suffix “_O” identifies an output-only eTPU channel 2 For each pin in the table, each line in the Function column is a separate function of the pin. For all I/O pins the selection of primary pin function or secondary function or GPIO is done in the SIU except where explicitly noted. See the Signal details table for a description of each signal. 3 The P/A/G column indicates the position a signal occupies in the muxing order for a pin—Primary, Alternate 1, Alternate 2, Alternate 3, or GPIO. Signals are selected by setting the PA field value in the appropriate PCR register in the SIU module. The PA field values are as follows: P - 0b0001, A1 - 0b0010, A2 - 0b0100, A3 - 0b1000, or G - 0b0000. Depending on the register, the PA field size can vary in length. For PA fields having fewer than four bits, remove the appropriate number of leading zeroes from these values. 4 The Pad Configuration Register (PCR) PA field is used by software to select pin function. 5 Values in the PCR column refer to registers in the System Integration Unit (SIU). The actual register name is “SIU_PCR” suffixed by the PCR number. For example, PCR[190] refers to the SIU register named SIU_PCR190. 6 The VDDE and VDDEH supply inputs are broken into segments. Each segment of slow I/O pins (VDDEH) may have a separate supply in the 3.3 V to 5.0 V range ( 10%/+5%). Each segment of fast I/O (VDDE) may have a separate supply in the 1.8 V to 3.3 V range (+/ 10%). Table 3. MPC5642A signal properties (continued) Name1 Function2 P / A / G3 PCR PA field4 PCR5 I/O type Voltage6 / Pad type7 Status8 Package pin No. During reset After reset 176 208 324 |