| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD19FD102JO3F Datasheet(PDF) 3 Page - Cornell Dubilier Electronics |
|
|
|||||||||||||||||||||||||||||
CD19FD102JO3F Datasheet(HTML) 3 Page - Cornell Dubilier Electronics |
|
3 / 6 page ![]() CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 Mica Capacitors, Standard Dipped Types CD10, D10, CD15, CD19, CD30, CD42, CDV19, CDV30 Cap Volts Catalog L H T S d (pF) (Vdc) Part Number in (mm) in (mm) in (mm) in (mm) in (mm) 39 2500 CDV30EK390JO3F 0.78 (19.8) 0.86 (21.8) 0.25 (6.4) 0.438 (11.1) 0.040 (1.0) 47 500 CD10ED470JO3F 0.37 ( 9.4) 0.34 ( 8.6) 0.19 (4.8) 0.141 ( 3.6) 0.016 ( .4) 47 500 CD15ED470JO3F 0.45 (11.4) 0.36 ( 9.1) 0.17 (4.3) 0.234 ( 5.9) 0.025 ( .6) 47 1000 CDV19EF470JO3F 0.64 (16.3) 0.50 (12.7) 0.19 (4.8) 0.344 ( 8.7) 0.032 ( .8) 47 1500 CDV30EH470JO3F 0.77 (19.6) 0.85 (21.6) 0.25 (6.4) 0.438 (11.1) 0.040 (1.0) 47 2000 CDV30EJ470JO3F 0.77 (19.6) 0.86 (21.8) 0.25 (6.4) 0.438 (11.1) 0.040 (1.0) 47 2500 CDV30EK470JO3F 0.78 (19.8) 0.86 (21.8) 0.25 (6.4) 0.438 (11.1) 0.040 (1.0) 56 500 CD10ED560JO3F 0.37 ( 9.4) 0.34 ( 8.6) 0.19 (4.8) 0.141 ( 3.6) 0.016 ( .4) 56 500 CD15ED560JO3F 0.45 (11.4) 0.36 ( 9.1) 0.17 (4.3) 0.234 ( 5.9) 0.025 ( .6) 56 1000 CDV19EF560JO3F 0.64 (16.3) 0.50 (12.7) 0.19 (4.8) 0.344 ( 8.7) 0.032 ( .8) 56 1500 CDV30EH560JO3F 0.77 (19.6) 0.85 (21.6) 0.25 (6.4) 0.438 (11.1) 0.040 (1.0) 56 2500 CDV30EK560JO3F 0.78 (19.8) 0.86 (21.8) 0.25 (6.4) 0.438 (11.1) 0.040 (1.0) 68 500 CD10ED680JO3F 0.37 ( 9.4) 0.34 ( 8.6) 0.19 (4.8) 0.141 ( 3.6) 0.016 ( .4) 68 500 CD15ED680JO3F 0.45 (11.4) 0.36 ( 9.1) 0.18 (4.6) 0.234 ( 5.9) 0.025 ( .6) 68 1000 CDV19EF680JO3F 0.64 (16.3) 0.50 (12.7) 0.19 (4.8) 0.344 ( 8.7) 0.032 ( .8) 68 1500 CDV30EH680JO3F 0.77 (19.6) 0.85 (21.6) 0.25 (6.4) 0.438 (11.1) 0.040 (1.0) 68 2000 CDV30EJ680JO3F 0.77 (19.6) 0.86 (21.8) 0.25 (6.4) 0.438 (11.1) 0.040 (1.0) 68 2500 CDV30EK680JO3F 0.78 (19.8) 0.86 (21.8) 0.25 (6.4) 0.438 (11.1) 0.040 (1.0) 82 500 CD10ED820JO3F 0.37 ( 9.4) 0.35 ( 8.9) 0.20 (5.1) 0.141 ( 3.6) 0.016 ( .4) 82 500 CD15ED820JO3F 0.45 (11.4) 0.36 ( 9.1) 0.18 (4.6) 0.234 ( 5.9) 0.025 ( .6) 82 1000 CDV19EF820JO3F 0.64 (16.3) 0.50 (12.7) 0.19 (4.8) 0.344 ( 8.7) 0.032 ( .8) 82 1500 CDV30EH820JO3F 0.77 (19.6) 0.85 (21.6) 0.25 (6.4) 0.438 (11.1) 0.040 (1.0) 82 2000 CDV30EJ820JO3F 0.77 (19.6) 0.86 (21.8) 0.25 (6.4) 0.438 (11.1) 0.040 (1.0) 82 2500 CDV30EK820JO3F 0.78 (19.8) 0.86 (21.8) 0.25 (6.4) 0.438 (11.1) 0.040 (1.0) 100 500 CD10FD101JO3F 0.37 ( 9.4) 0.35 ( 8.9) 0.20 (5.1) 0.141 ( 3.6) 0.016 ( .4) 100 500 CD15FD101JO3F 0.46 (11.7) 0.36 ( 9.1) 0.18 (4.6) 0.234 ( 5.9) 0.025 ( .6) 100 500 CD19FD101JO3F 0.64 (16.3) 0.50 (12.7) 0.19 (4.8) 0.344 ( 8.7) 0.032 ( .8) 100 1000 CDV19FF101JO3F 0.64 (16.3) 0.50 (12.7) 0.19 (4.8) 0.344 ( 8.7) 0.032 ( .8) 100 1500 CDV30FH101JO3F 0.77 (19.6) 0.85 (21.6) 0.25 (6.4) 0.438 (11.1) 0.040 (1.0) 100 2000 CDV30FJ101JO3F 0.77 (19.6) 0.86 (21.8) 0.25 (6.4) 0.438 (11.1) 0.040 (1.0) 100 2500 CDV30FK101JO3F 0.78 (19.8) 0.86 (21.8) 0.25 (6.4) 0.438 (11.1) 0.040 (1.0) 120 500 CD10FD121JO3F 0.38 ( 9.7) 0.35 ( 8.9) 0.20 (5.1) 0.141 ( 3.6) 0.016 ( .4) 120 500 CD15FD121JO3F 0.46 (11.7) 0.37 ( 9.4) 0.18 (4.6) 0.234 ( 5.9) 0.025 ( .6) 120 500 CD19FD121JO3F 0.64 (16.3) 0.50 (12.7) 0.19 (4.8) 0.344 ( 8.7) 0.032 ( .8) 120 1000 CDV19FF121JO3F 0.64 (16.3) 0.50 (12.7) 0.19 (4.8) 0.344 ( 8.7) 0.032 ( .8) 120 1500 CDV30FH121JO3F 0.77 (19.6) 0.85 (21.6) 0.25 (6.4) 0.438 (11.1) 0.040 (1.0) 120 2000 CDV30FJ121JO3F 0.77 (19.6) 0.86 (21.8) 0.25 (6.4) 0.438 (11.1) 0.040 (1.0) 120 2500 CDV30FK121JO3F 0.78 (19.8) 0.86 (21.8) 0.25 (6.4) 0.438 (11.1) 0.040 (1.0) 150 500 CD10FD151JO3F 0.38 ( 9.7) 0.36 ( 9.1) 0.21 (5.3) 0.141 ( 3.6) 0.016 ( .4) 150 500 CD15FD151JO3F 0.46 (11.7) 0.37 ( 9.4) 0.19 (4.8) 0.234 ( 5.9) 0.025 ( .6) 150 500 CD19FD151JO3F 0.64 (16.3) 0.50 (12.7) 0.19 (4.8) 0.344 ( 8.7) 0.032 ( .8) 150 1000 CDV19FF151JO3F 0.64 (16.3) 0.50 (12.7) 0.19 (4.8) 0.344 ( 8.7) 0.032 ( .8) 150 1500 CDV30FH151JO3F 0.77 (19.6) 0.85 (21.6) 0.25 (6.4) 0.438 (11.1) 0.040 (1.0) 150 2000 CDV30FJ151JO3F 0.77 (19.6) 0.86 (21.8) 0.25 (6.4) 0.438 (11.1) 0.040 (1.0) |