Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SP505ACF Datasheet(PDF) 34 Page - Sipex Corporation

No. de pieza SP505ACF
Descripción Electrónicos  WAN Multi-Mode Serial Transceiver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIPEX [Sipex Corporation]
Página de inicio  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP505ACF Datasheet(HTML) 34 Page - Sipex Corporation

Back Button SP505ACF Datasheet HTML 27Page - Sipex Corporation SP505ACF Datasheet HTML 28Page - Sipex Corporation SP505ACF Datasheet HTML 29Page - Sipex Corporation SP505ACF Datasheet HTML 30Page - Sipex Corporation SP505ACF Datasheet HTML 31Page - Sipex Corporation SP505ACF Datasheet HTML 32Page - Sipex Corporation SP505ACF Datasheet HTML 33Page - Sipex Corporation SP505ACF Datasheet HTML 34Page - Sipex Corporation SP505ACF Datasheet HTML 35Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
34
Rev: A Date: 1/27/04
SP505 Multi–Mode Serial Transceiver
© Copyright 2004 Sipex Corporation
80 PIN MQFP (MS-022 BC)
b
e
Seating
Plane
A1
A
A
L1
5°-16°
0° MIN.
0°–7°
5°-16°
L
A2
0.30" RAD. TYP.
0.20" RAD. TYP.
c
PIN 1
E1
D1
D
CL
E
CL
D2
E2
DIMENSIONS
Minimum/Maximum
(mm)
SYMBOL
A
A1
A2
b
D
D1
D2
E
E1
E2
e
N
80–PIN MQFP
JEDEC MS-22
(BEC) Variation
MIN
NOM
MAX
2.45
0.00
0.25
1.80
2.00
2.20
0.22
0.40
17.20 BSC
14.00 BSC
12.35 REF
17.20 BSC
14.00 BSC
12.35 REF
0.65 BSC
80
COMMON DIMENTIONS
SYMBL MIN
NOM
MAX
c
0.11
23.00
L
0.73
0.88
1.03
L1
1.60 BASIC
PACKAGE: 80 PIN MQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com