| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MMA1252 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MMA1252 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc |
|
1 / 10 page ![]() Document Number: MMA1252 Rev 1, 07/2012 Freescale Semiconductor Data Sheet: Technical Data © 2012 Freescale Semiconductor, Inc. All rights reserved. Low-g Micromachined Accelerometer The MMA series of silicon capacitive, micromachined accelerometers feature signal conditioning, a 2-pole low pass filter and temperature compensation. Zero-g offset full scale span and filter cutoff are factory set and require no external devices. A full system self-test capability verifies system functionality. Features • Integral Signal Conditioning • Linear Output • 2nd Order Bessel Filter • Calibrated Self-test • EPROM Parity Check Status • Transducer Hermetically Sealed at Wafer Level for Superior Reliability • Robust Design, High Shock Survivability • Qualified AECQ100, Rev. F Grade 2 (-40 C/ +105C) Typical Applications • Vibration Monitoring and Recording • Appliance Control • Mechanical Bearing Monitoring • Computer Hard Drive Protection • Computer Mouse and Joysticks • Virtual Reality Input Devices • Sports Diagnostic Devices and Systems ORDERING INFORMATION Device Name Temperature Range Case No. Package MMA1252EG –40 to 105C 475-01 SOIC-16 MMA1252EGR2 –40 to 105C 475-01 SOIC-16, Tape & Reel MMA1252KEG* –40 to 105C 475-01 SOIC-16 MMA1252KEGR2* –40 to 105C 475-01 SOIC-16, Tape & Reel *Part number sourced from a different facility. MMA1252 16-LEAD SOIC Pb-FREE CASE 475-01 VSS VSS VSS VOUT STATUS VDD VSS ST N/C N/C N/C N/C N/C N/C N/C N/C 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 Top View Pin Connections |
Número de pieza similar - MMA1252 |
|
Descripción similar - MMA1252 |