| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SW63-2G Datasheet(PDF) 78 Page - Aavid, Thermal Division of Boyd Corporation |
|
|
|||||||||||||||||||||||||||||
SW63-2G Datasheet(HTML) 78 Page - Aavid, Thermal Division of Boyd Corporation |
|
78 / 116 page ![]() 78 EUROPE ASIA Italy Tel: +39 051 764011 email: sales.it@aavid.com United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg Taiwan Tel: +886 (2) 2698-9888 email: sales@aavid.com.tw AMERICA USA Tel: +1 (603) 224-9988 email: info@aavid.com www.aavidthermalloy.com Thermal solutions go beyond the heat dissipator itself. Aavid Thermalloy offers a total solution package, which includes a number of options and accessory items described in this section of the catalog. A total thermal solution includes an efficient thermal interface and means of mechanical attachment. Aavid Thermalloy has a full-line of interface materials that can be pre-applied or supplied as an accessory item. Mechanical assembly options include attachment of semiconductors to heat sinks, heat sinks to printed circuit boards, and heat sinks to sockets of CPUs. Aavid Thermalloy offers the most complete line of value added options of any supplier in the industry. Our full line of accessories includes mounting kits, shoulder washers, insulators, mounting pads, and various grease products and epoxies, which are sold separately, and can be used with a variety of Aavid heat sinks. This section will provide the most complete solution to your thermal requirement. CONTENTS How to decipher or construct an Aavid 12 digit part number....................... How to decipher or construct a "Thermalloy" origin part number............... Indexes................................................................................................................................. Interface Materials Pads In-Sil-8TM Pads.................................................................................................................... Kon-DuxTM/Grafoil® Pads.............................................................................................. Hi-Flow® Pads................................................................................................................... Alignment Pads................................................................................................................ Double Sided Tape Options (factory applied) T414...................................................................................................................................... T405R.................................................................................................................................... T412...................................................................................................................................... T411...................................................................................................................................... T410R.................................................................................................................................... Labor Saving Heat Sink to Board and Device to Heat Sink Mounts Wave-OnTM Mounts.......................................................................................................... Semiconductor Mounts................................................................................................. Shur-LockTM Tabs............................................................................................................... Solderable Staked on Tabs........................................................................................... Solderable Mounting Tabs............................................................................................ Solderable Pins................................................................................................................. Solderable Nuts................................................................................................................. Clinch Nuts.......................................................................................................................... Solderable Studs............................................................................................................... Device Mounting Studs.................................................................................................. Clips Aavid Kool-KlipsTM............................................................................................................ Thermal Clips..................................................................................................................... 80 81 82 86 86 87 87 88 88 88 88 88 89 90 91 91 93 94 94 95 96 96 97 98 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |