| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8100RFYA Datasheet(PDF) 4 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
H8100RFYA Datasheet(HTML) 4 Page - Tyco Electronics |
|
4 / 4 page ![]() H8 100R B Y B Common Part 1.0 ohm (1000 milli ohms) 1R0 10 ohm (10 ohms) 10R 100 ohm (100 ohms) 100R 1K 0hm (1000 ohms) 1K0 10K ohm (10000 ohms) 10K 100K ohm (100000 ohms) 100K 1M ohm (1000000 ohms) 1M0 ResistanceValue Tolerance H4P H4 H8 A - 0.05% B - 0.1% C - 0.25% D - 0.5% F - 1.0% T.C.R. Code A - Part can only be sold with Commercial or C of C release. B - Part can be sold to BS CECC 40101 004, BS CECC 40101 030 D - Part can be sold to BS CECC 40101 804 Release A - 5ppm B - 10ppm Y - 15ppm D - 25ppm C - 50ppm Z - 100ppm How to Order Derating Graph - Approved and Commercial Ratings Axial Leaded Precision Resistors Type HOLCO Series TE Connectivity, TE connectivity (logo) and TE (logo) are trademarks. Other logos, product and Company names mentioned herein may be trademarks of their respective owners. While TE has made every reasonable effort to ensure the accuracy of the information in this datasheet, TE does not guarantee that it is error-free, nor does TE make any other representation, warranty or guarantee that the information is accurate, correct, reliable or current. TE reserves the right to make any adjustments to the information contained herein at any time without notice. TE expressly disclaims all implied warranties regarding the information contained herein, including, but not limited to, any implied warranties of merchantabili- ty or fitness for a particular purpose. The dimensions in this datasheet are for reference purposes only and are subject to change without notice. Specifications are subject to change without notice. Consult TE for the latest dimensions and design specifications. |