Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LM741J/883 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM741J/883
Descripción Electrónicos  LM741QML Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM741J/883 Datasheet(HTML) 4 Page - Texas Instruments

  LM741J/883 Datasheet HTML 1Page - Texas Instruments LM741J/883 Datasheet HTML 2Page - Texas Instruments LM741J/883 Datasheet HTML 3Page - Texas Instruments LM741J/883 Datasheet HTML 4Page - Texas Instruments LM741J/883 Datasheet HTML 5Page - Texas Instruments LM741J/883 Datasheet HTML 6Page - Texas Instruments LM741J/883 Datasheet HTML 7Page - Texas Instruments LM741J/883 Datasheet HTML 8Page - Texas Instruments LM741J/883 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Absolute Maximum Ratings (Note 1)
Supply Voltage
±22V
Power Dissipation (Note 2)
500 mW
Differential Input Voltage
±30V
Input Voltage (Note 3)
±15V
Output Short Circuit Duration
Continuous
Operating Temperature Range
−55˚C
≤ T
A
≤ +125˚C
Storage Temperature Range
−65˚C
≤ T
A
≤ +150˚C
Junction Temperature (T
J)
150˚C
Lead Temperature (Soldering, 10 Seconds)
300˚C
Thermal Resistance
θ
JA
Metal Can (Still Air)
167˚C/W
Metal Can (500LF / Min Air Flow)
100˚C/W
CERDIP (Still Air)
TBD
CERDIP (500LF / Min Air Flow)
TBD
CERPACK (Still Air)
228˚C/W
CERPACK (500LF / Min Air Flow)
154˚C/W
Ceramic SOIC (Still Air)
228˚C/W
Ceramic SOIC (500LF / Min Air Flow)
154˚C/W
θ
JC
Metal Can
44˚C/W
CERDIP
TBD
CERPACK
27˚C/W
Ceramic SOIC
27˚C/W
Package Weight (typical)
Metal Can
1000mg
CERDIP
1100mg
CERPACK
260mg
Ceramic SOIC
225mg
ESD Tolerance (Note 4)
400V
Quality Conformance Inspection
Mil-Std-883, Method 5005 - Group A
Subgroup
Description
Temp ˚C
1
Static tests at
25
2
Static tests at
125
3
Static tests at
-55
4
Dynamic tests at
25
5
Dynamic tests at
125
6
Dynamic tests at
-55
7
Functional tests at
25
8A
Functional tests at
125
8B
Functional tests at
-55
9
Switching tests at
25
10
Switching tests at
125
11
Switching tests at
-55
12
Settling time at
25
13
Settling time at
125
14
Settling time at
-55
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11