Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RF-HDT-SJLS Datasheet(PDF) 22 Page - Texas Instruments

No. de pieza RF-HDT-SJLS
Descripción Electrónicos  Tag-it HF-I Pro Transponder IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

RF-HDT-SJLS Datasheet(HTML) 22 Page - Texas Instruments

Back Button RF-HDT-SJLS Datasheet HTML 18Page - Texas Instruments RF-HDT-SJLS Datasheet HTML 19Page - Texas Instruments RF-HDT-SJLS Datasheet HTML 20Page - Texas Instruments RF-HDT-SJLS Datasheet HTML 21Page - Texas Instruments RF-HDT-SJLS Datasheet HTML 22Page - Texas Instruments RF-HDT-SJLS Datasheet HTML 23Page - Texas Instruments RF-HDT-SJLS Datasheet HTML 24Page - Texas Instruments RF-HDT-SJLS Datasheet HTML 25Page - Texas Instruments RF-HDT-SJLS Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
www.ti.com
CD TapedonFoamLabelUp
Spacer
BoxLid
WafersMax25
WaferBox
LabelonWaferBox
BlueSilicaGel
Anti-StaticMoistureBag
Spacer
CartonBox
LabelonCartonBox
3.6
Packing for Sawn Wafers
Packing for Sawn Wafers
Figure 3-5. Packing of Wafers
Packing in Multi Wafer Box
Sawn wafers are mounted on foil and delivered on standard 8” disco wafer frame (see Figure 2-1 Wafer
on FCC). A special plastic container is used to store up to 25 wafers in frames. This plastic container is
packed in an antistatic moisture bag with silica gel and in a double layered carton box.
Note:
When the silica gel has changed the color to blue, it is an indication that moisture has
entered the bag.
22
Shipping, Packing & Further Handling
SCBU045 (11-09-21-065) – October 2007
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30