| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UM1525 Datasheet(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1525 Datasheet(HTML) 14 Page - STMicroelectronics |
|
14 / 41 page ![]() Hardware and layout UM1525 14/41 Doc ID 022910 Rev 2 4.2 Embedded ST-LINK/V2 The ST-LINK/V2 programming and debugging tool is integrated on the STM32F0DISCOVERY. The embedded ST-LINK/V2 can be used in 2 different ways according to the jumper states (see Table 3): ● Program/debug the MCU on board, ● Program/debug an MCU in an external application board using a cable connected to SWD connector CN3. The embedded ST-LINK/V2 supports only SWD for STM32 devices. For information about debugging and programming features refer to user manual UM1075 (ST-LINK/V2 in-circuit debugger/programmer for STM8 and STM32) which describes in detail all the ST-LINK/V2 features. Figure 7. Typical configuration Table 3. Jumper states Jumper state Description Both CN2 jumpers ON ST-LINK/V2 functions enabled for on board programming (default) Both CN2 jumpers OFF ST-LINK/V2 functions enabled for application through external CN3 connector (SWD supported) |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |