Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TLK1201A Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza TLK1201A
Descripción Electrónicos  ETHERNET TRANSCEIVERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TLK1201A Datasheet(HTML) 2 Page - Texas Instruments

  TLK1201A Datasheet HTML 1Page - Texas Instruments TLK1201A Datasheet HTML 2Page - Texas Instruments TLK1201A Datasheet HTML 3Page - Texas Instruments TLK1201A Datasheet HTML 4Page - Texas Instruments TLK1201A Datasheet HTML 5Page - Texas Instruments TLK1201A Datasheet HTML 6Page - Texas Instruments TLK1201A Datasheet HTML 7Page - Texas Instruments TLK1201A Datasheet HTML 8Page - Texas Instruments TLK1201A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
www.ti.com
DESCRIPTION CONTINUED
Differences Between TLK1201A/TLK1201AI and TNETE2201
TLK1201ARCP, TLK1201AIRCP
ETHERNET TRANSCEIVERS
SLLS580D – FEBRUARY 2004 – REVISED SEPTEMBER 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
The transceiver performs the data serialization, deserialization, and clock extraction functions for a physical layer
interface device. The transceiver operates at 1.25 Gbps (typical), providing up to 1 Gbps of data bandwidth over
a copper or optical media interface.
The transceiver supports both the defined 10-bit interface (TBI) and a reduced 5-bit interface utilizing double data
rate (DDR) clocking. In the TBI mode the serializer/deserializer (SERDES) accepts 10-bit wide 8b/10b parallel
encoded data bytes. The parallel data bytes are serialized and transmitted differentially at PECL compatible
voltage levels. The SERDES extracts clock information from the input serial stream and deserializes the data,
outputting a parallel 10-bit data byte.
In the DDR mode the parallel interface accepts 5-bit wide 8b/10b encoded data aligned on both the rising and
falling edges of the reference clock. The data is clocked most significant bit first (bits 0–4 of the 8b/10b encoded
data) on the rising edge of the clock and the least significant bits (bits 5–9 of the 8b/10b encoded data) are
clocked on the falling edge of the clock.
The transceiver provides a comprehensive series of built-in tests for self-test purposes including loopback and
pseudorandom binary sequence (PRBS) generation and verification. An IEEE 1149.1 JTAG port is also
supported.
The transceiver is housed in a high-performance, thermally enhanced, 64-pin VQFP PowerPAD package. Use of
the PowerPAD package does not require any special considerations except to note that the PowerPAD, which is
an exposed die pad on the bottom of the device, is a metallic thermal and electrical conductor. It is
recommended that the device PowerPAD be soldered to the thermal land on the board.
The transceiver is characterized for operation from 0
°C to 70°C (TLK1201A) or –40°C to 85°C (TLK1201AI).
The transceiver uses a 2.5-V supply. The I/O section is 3.3-V compatible. With a 2.5-V supply the chipset is very
power-efficient, dissipating less than 200 mW typical power when operating at 1.25 Gbps.
The transceiver is designed to be hot plug capable. A power-on reset causes RBC0, RBC1, the parallel output
signal terminals, TXP, and TXN to be held in a high-impedance state.
The TLK1201A/TLK1201AI transceiver is the functional equivalent of the TNETE2201. There are several
differences between the devices as noted below. See Figure 12 in the Application Information section for an
example of a typical application circuit.
• The V
CC is 2.5 V for the TLK1201A vs 3.3 V for TNETE2201.
• The PLL filter capacitors on terminals 16, 17, 48, and 49 of the TNETE2201 are no longer required. The
TLK1201A uses these terminals to provide added test capabilities. The capacitors, if present, do not affect the
operation of the device.
• No pulldown resistors are required on the TXP/TXN outputs.
AVAILABLE OPTIONS
PACKAGE(1)
TA
PLASTIC QUAD FLAT PACK (RCP)
0
°C to 70°C
TLK1201ARCP
–40
°C to 85°C
TLK1201AIRCP
(1)
For the most current package and ordering information, see the
Package Option Addendum at the end of this document, or see the
TI website at www.ti.com.
2
Submit Documentation Feedback
Copyright © 2004–2007, Texas Instruments Incorporated
Product Folder Link(s): TLK1201ARCP TLK1201AIRCP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com