| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MSP430F2001IPWR Datasheet(PDF) 39 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F2001IPWR Datasheet(HTML) 39 Page - Texas Instruments |
|
39 / 92 page ![]() MSP430F20x3 MSP430F20x2 MSP430F20x1 www.ti.com SLAS491H – AUGUST 2005 – REVISED AUGUST 2011 10-Bit ADC, Power Supply and Input Range Conditions (MSP430F20x2) (1) over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (1) PARAMETER TEST CONDITIONS TA VCC MIN TYP MAX UNIT Analog supply voltage VCC VSS = 0 V 2.2 3.6 V range All Ax terminals, Analog input voltage VAx Analog inputs selected in 0 VCC V range(2) ADC10AE register fADC10CLK = 5 MHz, 2.2 V 0.52 1.05 ADC10ON = 1, REFON = 0, I: -40 °C to 85°C IADC10 ADC10 supply current(3) mA ADC10SHT0 = 1, T: -40 °C to 105°C 3 V 0.6 1.2 ADC10SHT1 = 0, ADC10DIV = 0 fADC10CLK = 5 MHz, ADC10ON = 0, REF2_5V = 0, 2.2 V/3 V 0.25 0.4 Reference supply REFON = 1, REFOUT = 0 I: -40 °C to 85°C IREF+ current, reference buffer mA T: -40 °C to 105°C fADC10CLK = 5 MHz, disabled(4) ADC10ON = 0, REF2_5V = 1, 3 V 0.25 0.4 REFON = 1, REFOUT = 0 fADC10CLK = 5 MHz -40 °C to 85°C 2.2 V/3 V 1.1 1.4 Reference buffer supply ADC10ON = 0, REFON = 1, IREFB,0 current with mA REF2_5V = 0, REFOUT = 1, 105 °C 2.2 V/3 V 1.8 ADC10SR = 0(4) ADC10SR = 0 fADC10CLK = 5 MHz, -40 °C to 85°C 2.2 V/3 V 0.5 0.7 Reference buffer supply ADC10ON = 0, REFON = 1, IREFB,1 current with mA REF2_5V = 0, REFOUT = 1, 105 °C 2.2 V/3 V 0.8 ADC10SR = 1(4) ADC10SR = 1 Only one terminal Ax selected at I: -40 °C to 85°C CI Input capacitance 27 pF a time T: -40 °C to 105°C Input MUX ON I: -40 °C to 85°C RI 0 V ≤ VAx ≤ VCC 2.2 V/3 V 2000 Ω resistance T: -40 °C to 105°C (1) The leakage current is defined in the leakage current table with Px.x/Ax parameter. (2) The analog input voltage range must be within the selected reference voltage range VR+ to VR- for valid conversion results. (3) The internal reference supply current is not included in current consumption parameter IADC10. (4) The internal reference current is supplied via terminal VCC. Consumption is independent of the ADC10ON control bit, unless a conversion is active. The REFON bit enables the built-in reference to settle before starting an A/D conversion. Copyright © 2005–2011, Texas Instruments Incorporated 39 |