Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BAS19L Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza BAS19L
Descripción Electrónicos  High Voltage Switching Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAS19L Datasheet(HTML) 2 Page - ON Semiconductor

  BAS19L Datasheet HTML 1Page - ON Semiconductor BAS19L Datasheet HTML 2Page - ON Semiconductor BAS19L Datasheet HTML 3Page - ON Semiconductor BAS19L Datasheet HTML 4Page - ON Semiconductor BAS19L Datasheet HTML 5Page - ON Semiconductor BAS19L Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BAS19L, NSVBAS19L, BAS20L, SBAS20L, BAS21L, SBAS21L, BAS21DW5,
SBAS21DW5
http://onsemi.com
2
THERMAL CHARACTERISTICS (SOT−23)
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR−5 Board
(Note 2)
TA = 25°C
Derate above 25°C
PD
225
1.8
mW
mW/°C
Thermal Resistance
Junction−to−Ambient (SOT−23)
RqJA
556
°C/W
Total Device Dissipation Alumina Substrate
(Note 3)
TA = 25°C
Derate above 25°C
PD
300
2.4
mW
mW/°C
Thermal Resistance Junction−to−Ambient
RqJA
417
°C/W
Junction and Storage
Temperature Range
TJ, Tstg
−55 to +150
°C
THERMAL CHARACTERISTICS (SC−88A)
Characteristic
Symbol
Max
Unit
Power Dissipation (Note 4)
PD
385
mW
Thermal Resistance −
Junction−to−Ambient
Derate Above 25°C
RqJA
328
3.0
°C/W
mW/°C
Maximum Junction Temperature
TJmax
150
°C
Operating Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
2. FR−5 = 1.0
0.75
0.062 in.
3. Alumina = 0.4
0.3
0.024 in. 99.5% alumina.
4. Mounted on FR−5 Board = 1.0 x 0.75 x 0.062 in.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
Reverse Voltage Leakage Current
(VR = 100 Vdc)
BAS19, NSVBAS19
(VR = 150 Vdc)
BAS20, SBAS20
(VR = 200 Vdc)
BAS21, SBAS21
(VR = 100 Vdc, TJ = 150°C)
BAS19
(VR = 150 Vdc, TJ = 150°C)
BAS20, SBAS20
(VR = 200 Vdc, TJ = 150°C)
BAS21, SBAS21
IR
−
−
−
−
−
−
0.1
0.1
0.1
100
100
100
mAdc
Reverse Breakdown Voltage
(IBR = 100 mAdc)
BAS19, NSVBAS19
(IBR = 100 mAdc)
BAS20, SBAS20
(IBR = 100 mAdc)
BAS21, SBAS21
V(BR)
120
200
250
−
−
−
Vdc
Forward Voltage
(IF = 100 mAdc)
(IF = 200 mAdc)
VF
−
−
1.0
1.25
Vdc
Diode Capacitance (VR = 0, f = 1.0 MHz)
CD
−
5.0
pF
Reverse Recovery Time (IF = IR = 30 mAdc, IR(REC) = 3.0 mAdc, RL = 100)
trr
−
50
ns



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com