| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HS2BA Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd |
|
|
|||||||||||||||||||||||||||||
HS2BA Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd |
|
1 / 2 page ![]() 50V-1000V 1.5A HS2AA THRU HS2MA High Efficient Surface Mount Rectifiers Web Site: www.taychipst.com 1 of 2 FEATURES E-mail: sales@taychipst.com MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS MECHANICAL DATA UL Recognized File # E-326243 Glass passivated junction chip. For surface mounted application Low forward voltage drop Low profile package Fast switching for high efficiency Built-in stain relief, ideal for automatic placement High temperature soldering: 260℃/10 seconds at terminals Case: Molded plastic Terminal: Pure tin plated, lead free Packing: 12mm tape per EIA STD RS-481 Weight: 0.064 grams Polarity: Indicated by cathode band Rating at 25 ℃ ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol HS 2AA HS 2BA HS 2DA HS 2FA HS 2GA HS 2JA HS 2KA HS 2MA Unit VRRM 50 100 200 300 400 600 800 1000 V VRMS 35 70 140 210 280 420 560 700 V VDC 50 100 200 300 400 600 800 1000 V IF(AV) A Trr nS Cj pF RθjA OC/W TJ OC TSTG OC Peak Forward Surge Current, 8.3 ms Single Half Sine- wave Superimposed on Rated Load (JEDEC method) IFSM Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage A Maximum Instantaneous Forward Voltage (Note 1) @ 1.5A VF V 1.0 1.3 1.7 75 50 30 50 Maximum Reverse Recovery Time (Note 2) Maximum Reverse Current @ Rated VR TA=25 ℃ T A=125 ℃ IR 50 5 Note 4: PCB Mount on 5mm x 5mm Copper Pad Area Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A Operating Temperature Range Storage Temperature Range - 55 to + 150 100 - 55 to + 150 Typical Junction Capacitance (Note 3) uA Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C. Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle 80 1.5 Typical Thermal Resistance (Note 4) Type Number Maximum Average Forward Rectified Current |
Número de pieza similar - HS2BA |
|
Descripción similar - HS2BA |