Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MURA230T3 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

No. de pieza MURA230T3
Descripción Electrónicos  Surface Mount Ultrafast Power Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Página de inicio  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

MURA230T3 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  MURA230T3 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd MURA230T3 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd MURA230T3 Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
300V-400V
2.0A
1 of 3
Web Site: www.taychipst.com
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
MECHANICAL DATA
Small Compact Surface Mountable Package with J−Bend Leads
Rectangular Package for Automated Handling
High Temperature Glass Passivated Junction
Low Forward Voltage Drop (0.74 V Max @ 2.0 A, TJ = 150°C)
Pb−Free Packages are Available
Case: Epoxy, Molded
Weight: 70 mg (Approximately)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
Polarity: Polarity Band Indicates Cathode Lead
ESD Protection: Human Body Model > 4000 V (Class 3)
Machine Model > 400 V (Class C)
Surface Mount Ultrafast Power Rectifiers
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
MURA230T3
MURA240T3
VRRM
VRWM
VR
300
400
V
Average Rectified Forward Current
@ TL = 150°C
@ TL = 125°C
IF(AV)
1.0
2.0
A
Non-Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions
Halfwave, Single Phase, 60 Hz)
IFSM
35
A
Operating Junction Temperature Range
TJ
−65 to +175
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction−to−Lead
(TL = 25°C) (Note 1)
Thermal Resistance, Junction−to−Ambient
(Note 1)
PsiJL
(Note 2)
RqJA
24
216
°C/W
1.
Rat i ng
applies
when
surf ac e
mount ed
on
the
minim u m
pad
siz e
recommended, PC Board FR−4.
2.
In compliance with JEDEC 51, these values (historically represented by RqJL)
are now referenced as PsiJL.
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Maximum Instantaneous Forward Voltage (Note 3)
(iF = 2.0 A, TJ = 25°C)
(iF = 2.0 A, TJ = 150°C)
vF
1.30
1.05
V
Maximum Instantaneous Reverse Current (Note 3)
(Rated DC Voltage, TJ = 25°C)
(Rated DC Voltage, TJ = 150°C)
iR
5.0
150
mA
Maximum Reverse Recovery Time
(iF = 1.0 A, di/dt = 50 A/ms)
trr
65
ns
3. Pulse Test: Pulse Width = 300
ms, Duty Cycle v 2.0%.
MURA230T3, MURA240T3


Número de pieza similar - MURA230T3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MURA230T3 ONSEMI-MURA230T3 Datasheet
48Kb / 4P
Surface Mount Ultrafast Power Rectifiers
February, 2006 ??Rev. 3
MURA230T3 ONSEMI-MURA230T3 Datasheet
182Kb / 6P
Power Rectifier, Ultra-Fast Recovery
April, 2023 - Rev. 6
MURA230T3G ONSEMI-MURA230T3G Datasheet
48Kb / 4P
Surface Mount Ultrafast Power Rectifiers
February, 2006 ??Rev. 3
MURA230T3G ONSEMI-MURA230T3G Datasheet
115Kb / 5P
Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 4
MURA230T3G ONSEMI-MURA230T3G Datasheet
182Kb / 6P
Power Rectifier, Ultra-Fast Recovery
April, 2023 - Rev. 6
More results

Descripción similar - MURA230T3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MURA115T3 ONSEMI-MURA115T3 Datasheet
39Kb / 4P
Surface Mount Ultrafast Power Rectifiers
January, 2003 - Rev. 3
MURA105T3 ONSEMI-MURA105T3 Datasheet
39Kb / 4P
Surface Mount Ultrafast Power Rectifiers
January, 2003 - Rev. 3
MURS260T3 ONSEMI-MURS260T3 Datasheet
61Kb / 4P
Surface Mount Ultrafast Power Rectifiers
October, 2004 ??Rev. 2
MURS360BT3 ONSEMI-MURS360BT3 Datasheet
98Kb / 5P
Surface Mount Ultrafast Power Rectifiers
June, 2007 - Rev. 1
logo
Shenzhen Taychipst Elec...
MURA205T3 TAYCHIPST-MURA205T3 Datasheet
8Mb / 3P
Surface Mount Ultrafast Power Rectifiers
logo
ON Semiconductor
MURA105T3G ONSEMI-MURA105T3G Datasheet
129Kb / 5P
Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 5
SURA8240T3G ONSEMI-SURA8240T3G Datasheet
115Kb / 5P
Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 4
SURS8220T3G ONSEMI-SURS8220T3G Datasheet
150Kb / 5P
Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 3
MURA115 ONSEMI-MURA115 Datasheet
56Kb / 5P
Surface Mount Ultrafast Power Rectifiers
October, 2016 ??Rev. 9
MURS230T3G ONSEMI-MURS230T3G Datasheet
60Kb / 5P
Surface Mount Ultrafast Power Rectifiers
October, 2016 ??Rev. 9
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com