Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RN1912FS Datasheet(PDF) 2 Page - Toshiba Semiconductor

No. de pieza RN1912FS
Descripción Electrónicos  Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN1912FS Datasheet(HTML) 2 Page - Toshiba Semiconductor

  RN1912FS Datasheet HTML 1Page - Toshiba Semiconductor RN1912FS Datasheet HTML 2Page - Toshiba Semiconductor RN1912FS Datasheet HTML 3Page - Toshiba Semiconductor RN1912FS Datasheet HTML 4Page - Toshiba Semiconductor RN1912FS Datasheet HTML 5Page - Toshiba Semiconductor RN1912FS Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RN1912FS,RN1913FS
2007-11-01
2
Electrical Characteristics (Ta =25°C) (Q1,Q2 common)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 20 V, IE = 0
⎯
⎯
100
nA
Emitter cut-off current
IEBO
VEB = 5 V, IC = 0
⎯
⎯
100
nA
DC current gain
hFE
VCE = 5 V, IC = 1 mA
300
⎯
⎯
Collector-emitter saturation voltage
VCE (sat)
IC = 5 mA, IB = 0.25 mA
⎯
⎯
0.15
V
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
⎯
1.2
⎯
pF
RN1912FS
17.6
22
26.4
Input resistor
RN1913FS
R1
⎯
37.6
47
56.4
k
Ω



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com