Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

L6391 Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza L6391
Descripción Electrónicos  High-voltage high and low side driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6391 Datasheet(HTML) 1 Page - STMicroelectronics

  L6391 Datasheet HTML 1Page - STMicroelectronics L6391 Datasheet HTML 2Page - STMicroelectronics L6391 Datasheet HTML 3Page - STMicroelectronics L6391 Datasheet HTML 4Page - STMicroelectronics L6391 Datasheet HTML 5Page - STMicroelectronics L6391 Datasheet HTML 6Page - STMicroelectronics L6391 Datasheet HTML 7Page - STMicroelectronics L6391 Datasheet HTML 8Page - STMicroelectronics L6391 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
December 2010
Doc ID 17892 Rev 1
1/21
21
L6391
High-voltage high and low side driver
Features
■ High voltage rail up to 600 V
■ dV/dt immunity ± 50 V/nsec in full temperature
range
■ Driver current capability:
– 290 mA source,
– 430 mA sink
■ Switching times 75/35 nsec rise/fall with 1 nF
load
■ 3.3 V, 5 V TTL/CMOS inputs with hysteresis
■ Integrated bootstrap diode
■ Comparator for fault protections
■ Smart shut-down function
■ Adjustable dead-time
■ Interlocking function
■ Compact and simplified layout
■ Bill of material reduction
■ Effective fault protection
■ Flexible, easy and fast design
Applications
■ Motor driver for home appliances, factory
automation, industrial drives and fans.
■ HID ballasts, power supply units.
Description
The L6391 is a high-voltage device manufactured
with the BCD “OFF-LINE” technology. It is a single
chip half-bridge gate driver for N-channel power
MOSFET or IGBT.
The high side (floating) section is designed to
stand a voltage rail up to 600 V. The logic inputs
are CMOS/TTL compatible down to 3.3 V for easy
interfacing microcontroller/DSP.
An integrated comparator is available for
protections against overcurrent, overtemperature,
etc.
Table 1.
Device summary
Order codes
Package
Packaging
L6391N
DIP-14
Tube
L6391D
SO-14
Tube
L6391DTR
SO-14
Tape and reel
www.st.com


Número de pieza similar - L6391

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
L6390 STMICROELECTRONICS-L6390 Datasheet
473Kb / 22P
High-voltage high and low side driver
17-Jul-2008
L6390 STMICROELECTRONICS-L6390 Datasheet
760Kb / 25P
High voltage high/low-side driver
21-Mar-2018
L6390D STMICROELECTRONICS-L6390D Datasheet
473Kb / 22P
High-voltage high and low side driver
17-Jul-2008
L6390D STMICROELECTRONICS-L6390D Datasheet
760Kb / 25P
High voltage high/low-side driver
21-Mar-2018
L6390D013TR STMICROELECTRONICS-L6390D013TR Datasheet
473Kb / 22P
High-voltage high and low side driver
17-Jul-2008
More results

Descripción similar - L6391

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
L6386 STMICROELECTRONICS-L6386 Datasheet
80Kb / 10P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
Jul-1999
L6387 STMICROELECTRONICS-L6387 Datasheet
133Kb / 9P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May-2001
L6388 STMICROELECTRONICS-L6388 Datasheet
564Kb / 11P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May-2005
L6392 STMICROELECTRONICS-L6392 Datasheet
439Kb / 19P
High-voltage high and low side driver
18-Mar-2008
logo
ON Semiconductor
NCP5106A ONSEMI-NCP5106A Datasheet
160Kb / 18P
High Voltage, High and Low Side Driver
March, 2010 ??Rev. 5
logo
STMicroelectronics
L6385E STMICROELECTRONICS-L6385E Datasheet
199Kb / 16P
High-voltage high and low side driver
11-Oct-2007
L6385ED STMICROELECTRONICS-L6385ED Datasheet
199Kb / 16P
High-voltage high and low side driver
11-Oct-2007
L6387DTR STMICROELECTRONICS-L6387DTR Datasheet
158Kb / 9P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May-2001
logo
ON Semiconductor
NCP5109A ONSEMI-NCP5109A_17 Datasheet
120Kb / 18P
High Voltage, High and Low Side Driver
February, 2017 ??Rev. 2
logo
STMicroelectronics
L6399 STMICROELECTRONICS-L6399 Datasheet
345Kb / 18P
High voltage high and low-side driver
27-Mar-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com