Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

L6398 Datasheet(PDF) 8 Page - STMicroelectronics

No. de pieza L6398
Descripción Electrónicos  High voltage high and low side driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6398 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6398 Datasheet HTML 4Page - STMicroelectronics L6398 Datasheet HTML 5Page - STMicroelectronics L6398 Datasheet HTML 6Page - STMicroelectronics L6398 Datasheet HTML 7Page - STMicroelectronics L6398 Datasheet HTML 8Page - STMicroelectronics L6398 Datasheet HTML 9Page - STMicroelectronics L6398 Datasheet HTML 10Page - STMicroelectronics L6398 Datasheet HTML 11Page - STMicroelectronics L6398 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Electrical characteristics
L6398
8/16
Doc ID 18199 Rev 3
5.2
DC operation
Table 8.
DC operation electrical characteristics (VCC = 15 V; TJ = + 25 °C)
Symbol
Pin
Parameter
Test condition
Min
Typ
Max
Unit
Vcc_hys
3
Vcc UV hysteresis
1.2
1.5
1.8
V
Vcc_thON
Vcc UV turn ON threshold
9
9.5
10
V
Vcc_thOFF
Vcc UV turn OFF threshold
7.6
8
8.4
V
Iqccu
Undervoltage quiescent
supply current
Vcc = 7 V
LIN = 5 V; HIN = GND;
90
150
μA
Iqcc
Quiescent current
Vcc = 15 V
LIN = 5 V; HIN = GND;
380
440
μA
Bootstrapped supply voltage section (1)
VBO_hys
8
VBO UV hysteresis
0.8
1
1.2
V
VBO_thON
VBO UV turn ON threshold
8.2
9
9.8
V
VBO_thOFF
VBO UV turn OFF threshold
7.3
8
8.7
V
IQBOU
Undervoltage VBO quiescent
current
VBO = 7 V, LIN = HIN = 5V
30
60
μA
IQBO
VBO quiescent current
VBO = 15 V, LIN = HIN = 5V
190
240
μA
ILK
High voltage leakage current
Vhvg = Vout = Vboot = 600 V
10
μA
RDS(on)
Bootstrap driver on resistance
(2)
LVG ON
120
Ω
Driving buffers section
Iso
5,
7
High/low side source short
circuit current
VIN = Vih (tp < 10 μs)
200
290
mA
Isi
High/low side sink short
circuit current
VIN = Vil (tp < 10 μs)
250
430
mA
Logic inputs
Vil
1, 2
Low logic level voltage
0.8
V
Vih
High logic level voltage
2.25
V
Vil_S
1, 2
Single input voltage
LIN and HIN connected
together and floating
0.8
V
IHINh
2
HIN logic “1” input bias
current
HIN = 15 V
110
175
260
μA
IHINl
HIN logic “0” input bias
current
HIN = 0 V
1
μA
ILINl
1
LIN logic “0” input bias current LIN = 0 V
3
6
20
μA
ILINh
LIN logic “1” input bias current LIN = 15 V
1
μA
1.
VBO = Vboot - Vout
2.
RDSON is tested in the following way: RDSON = [(VCC - VCBOOT1) - (VCC - VCBOOT2)] / [I1(VCC,VCBOOT1) - I2(VCC,VCBOOT2)]
where I1 is pin 8 current when VCBOOT = VCBOOT1, I2 when VCBOOT = VCBOOT2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com