Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STPM10 Datasheet(PDF) 15 Page - STMicroelectronics

No. de pieza STPM10
Descripción Electrónicos  Programmable single-phase energy metering IC with tamper detection
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STPM10 Datasheet HTML 11Page - STMicroelectronics STPM10 Datasheet HTML 12Page - STMicroelectronics STPM10 Datasheet HTML 13Page - STMicroelectronics STPM10 Datasheet HTML 14Page - STMicroelectronics STPM10 Datasheet HTML 15Page - STMicroelectronics STPM10 Datasheet HTML 16Page - STMicroelectronics STPM10 Datasheet HTML 17Page - STMicroelectronics STPM10 Datasheet HTML 18Page - STMicroelectronics STPM10 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
STPM10
Theory of operation
Doc ID 17728 Rev 3
15/51
7
Theory of operation
7.1
General operation description
The STPM10 is capable of performing measurements of active, reactive and apparent
energy, RMS and instantaneous voltage and current values, and line frequency information.
Most of the functions are fully programmable using internal configuration bits accessible
through the SPI interface. The STPM10 works as a peripheral in microcontroller-based
metering systems. The ZCR and WDG pins are used to provide zero-crossing and watch-
dog information, and the SPI pins are used to communicate with the microcontroller.
The STPM10 includes volatile internal registers that hold the useful information for the
metering system. Two kinds of active energy are available: wide-band active energy (AW)
which includes all harmonic content (also called type 0) and fundamental active energy
(AF), limited to the 1st harmonic (also called type 1). This latter energy value is obtained by
filtering type 0 active energy. Both the two active energies are stored in up-down counting
accumulator registers with a 20-bit length. Reactive and apparent energies are also
available with a 20-bit accumulation.
The STPM10 also provides the RMS values for voltage and current. Due to the modest
dynamic variation of the voltage, the RMS value is stored with a resolution of 11 bits, while
the RMS current value has a resolution of 16 bits. The instantaneous (momentary) sampled
value of voltage and current are also available with a resolution of 11 and 16 bits,
respectively. The line frequency value is stored with a resolution of 14 bits.
Due to the proprietary energy computation algorithm, the STPM10 calibration is quick and
simple, allowing calibration at only one point over the entire current range.
The configuration and calibration parameters must be downloaded in the internal non-
volatile memory of STPM10 at power-up.
7.2
Analog inputs
Input amplifiers
The STPM10 has one fully differential voltage input channel and two fully differential current
input channels.
The voltage channel consists of a differential amplifier with a gain of 4. The maximum
differential input voltage for the voltage channel is ± 0.3 V.
The two current channels are multiplexed (see Chapter 7.9 for details) to provide a single
input to a preamplifier with a gain of 4. The output of this preamplifier is connected to the
input of a programmable gain amplifier (PGA) with possible gain selections of 2 and 8. The
total gain of the current channels are then 8 and 32. The gain selections are made by writing
to the gain register, and they can be different for the two current channels. If the tamper
function is not used, the secondary current can be disabled.
The maximum differential input voltage is dependent on the selected gain, in accordance
with Table 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com