| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STA369BWS Datasheet(PDF) 79 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA369BWS Datasheet(HTML) 79 Page - STMicroelectronics |
|
79 / 89 page ![]() STA369BWS Register description Doc ID 16861 Rev 4 79/89 Power down delay selector (PNDLSL[2:0]) bits As per register MISC1 (addr 0x4B) on page 76, the assertion of PWDN activates a counter that, by default, after 13 million clock cycles, puts the power bridge in tristate mode independently from the fade out time. Using these registers it is possible to program this counter as per the table below. Short-circuit check enable (SHEN) bit This bit, when enabled, activates the short-circuit checks before any power bridge activation (EAPD bit 0 -> 1). See Section 6.17 on page 73 for more details. 6.21 Global DRC after B2DRC (GDRC) bit (addr 0x4D, bit D0) GDRC bit, when set, changes the architecture configuration of the dual band DRC. As a consequence, the block diagram, illustrated by the Figure 19: B2DRC scheme on page 67, becomes that shown in Figure 26 below. Figure 26. Global DRC after B2DRC The final effect is a global DRC after the dual band DRC. This architecture aims to limit the signal overshoot, generated by the different phases of the two processed data paths of the B2DRC architecture, that could happen between the two bands. Note: If GDRC is enabled, C3VR[0] and C3VR[1] must be set to 0 (default values). Table 89. PNDLSL bits configuration PNDLSL[2] PNDLSL[1] PNDLSL[0] Fade-out time 000Default time (13 x 106 PLL clock cycles) 001Default time divided by 2 010Default time divided by 4 011Default time divided by 8 100Default time divided by 16 101Default time divided by 32 110Default time divided by 64 111Default time divided by 128 R L Pass XO Filter Pass XO Filter R L B2DRC Hi-pass filter B2DRC Hi-pass filter - - CH3 Volume Vol And Limiter DRC2 CH3 Volume Vol And Limiter DRC2 + + + + CH1 Volume Vol And Limiter DRC1 CH2 Volume Vol And Limiter DRC1 R L Pass XO Filter Pass XO Filter R L B2DRC Hi-pass filter B2DRC Hi-pass filter - - CH3 Volume Vol And Limiter DRC2 CH3 Volume Vol And Limiter DRC2 + + + + CH1 Volume Vol And Limiter DRC1 CH2 Volume Vol And Limiter DRC1 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |