Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STA381BW Datasheet(PDF) 44 Page - STMicroelectronics

No. de pieza STA381BW
Descripción Electrónicos  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BW Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STA381BW Datasheet HTML 40Page - STMicroelectronics STA381BW Datasheet HTML 41Page - STMicroelectronics STA381BW Datasheet HTML 42Page - STMicroelectronics STA381BW Datasheet HTML 43Page - STMicroelectronics STA381BW Datasheet HTML 44Page - STMicroelectronics STA381BW Datasheet HTML 45Page - STMicroelectronics STA381BW Datasheet HTML 46Page - STMicroelectronics STA381BW Datasheet HTML 47Page - STMicroelectronics STA381BW Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 171 page
background image
Register description: New Map
STA381BW
44/171
Doc ID 018835 Rev 7
0x5B
CXT75
CEXT_B7[1:0]
CEXT_B6[1:0]
CEXT_B5[1:0]
0x5C
MISC1
RPDNEN
BRIDGOFF
CPWMEN
0x5D
MISC2
LPDP
LPD
LPDE
PNDLSL[2:0]
SHEN
0x5E
BPTH
BPTH[5:0]
0x60
BPTIM
BPTIM[7:0]
0x61
ZCCFG0
WTHH
WTHL
FINETH
HSEL[1:0]
ZMTH[2:0]
0x62
ZCCFG1
RMS_CH0[7:0]
0x63
ZCCFG2
RMS_CH0[15:8]
0x64
ZCCFG3
RMS_CH1[7:0]
0x65
ZCCFG4
RMS_CH1[15:8]
0x66
HPCFG
HPLN
CPFEN
CPOK
ABFAULT
DCROK
0x69
F3XCFG1
F3XLNK
0x6A
F3XCFG2
F3X_FAULT
F3X_SM_SLOPE[2:0]
F3X_MUTE
F3X_ENA
0x6B
STCCFG0
NP_
CRCRES
0x6C
STCCFG1
STC_LNK
0x6F
MTH0
MTH[7:0]
0x70
CHPSINC
CHPI
INITCNT[3:0]
CHPRD
0x71
BQCHKE0
BQ_CKE[7:0]
0x72
BQCHKE1
BQ_CKE[15:8]
0x73
BQCHKE2
BQ_CKE[23:16]
0x74
XCCHKE0
XC_CKE[7:0]
0x75
XCCHKE1
XC_CKE[15:8]
0x76
XCCHKE2
XC_CKE[23:16]
0x77
BQCHKR0
BQ_CKR[7:0]
0x78
BQCHKR1
BQ_CKR[15:8]
0x79
BQCHKR2
BQ_CKR[23:16]
0x7A
XCCHKR0
XC_CKR[7:0]
0x7B
XCCHKR1
XC_CKR[15:8]
0x7C
XCCHKR2
XC_CKR[23:16]
0x7D
CHKCTRL
XCAUTO
BCAUTO
0x7E
MISC4
SMAP
WRA
CH12
Table 14.
Default register map table: NEW MAP (continued)
Addr
Name
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com