Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SPGP0565A Datasheet(PDF) 3 Page - SemiHow Co.,Ltd.

No. de pieza SPGP0565A
Descripción Electrónicos  The SemiHow Power Switch product family is specially designed for an off-line SMPS with minimal external components.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMIHOW [SemiHow Co.,Ltd.]
Página de inicio  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

SPGP0565A Datasheet(HTML) 3 Page - SemiHow Co.,Ltd.

  SPGP0565A Datasheet HTML 1Page - SemiHow Co.,Ltd. SPGP0565A Datasheet HTML 2Page - SemiHow Co.,Ltd. SPGP0565A Datasheet HTML 3Page - SemiHow Co.,Ltd. SPGP0565A Datasheet HTML 4Page - SemiHow Co.,Ltd. SPGP0565A Datasheet HTML 5Page - SemiHow Co.,Ltd. SPGP0565A Datasheet HTML 6Page - SemiHow Co.,Ltd. SPGP0565A Datasheet HTML 7Page - SemiHow Co.,Ltd. SPGP0565A Datasheet HTML 8Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Electrical Characteristics ( SenseFET Part )
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
RDS(ON)
Static Drain-Source
On-Resistance
VGS = 10 V, ID = 2.5 A
--
1.35
1.69
On Characteristics
Ta=25
C, unless otherwise specified
BVDSS
Drain-Source Breakdown Voltage VGS = 0 V, ID = 50 ㎂
650
--
--
V
IDSS
Zero Gate Voltage Drain Current
VDS = 650 V, VGS = 0 V
--
--
50
VDS = 520 V, TC = 125℃
--
--
200
Off Characteristics
Ciss
Input Capacitance
--
900
1200
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
900
1200
Coss
Output Capacitance
--
90
120
Crss
Reverse Transfer Capacitance
--
11
14.5
td(on)
Turn-On Time
VDS = 325 V, ID = 5.0 A,
RG = 25 Ω
--
25
--
Tr
Turn-On Rise Time
--
25
--
td( ff)
Turn-Off Delay Time
--
100
--
Switching Characteristics
(Note 4,5)
td(off)
Turn Off Delay Time
100
tf
Turn-Off Fall Time
--
50
--
Qg
Total Gate Charge
VDS = 325V, ID = 5.0 A,
VGS = 10 V
(Note 4,5)
--
18
24
nC
Qgs
Gate-Source Charge
--
4.0
--
nC
Qgd
Gate-Drain Charge
--
6.0
--
nC
Notes :
1. Pulse Test : Pulse Width ≤ 300μs, Duty Cycle ≤ 2%
2.
R
S
1
◎ SEMIHOW REV.PLIMILARY” January 2011



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com