Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STPS20SM100S Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza STPS20SM100S
Descripción Electrónicos  Power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20SM100S Datasheet(HTML) 5 Page - STMicroelectronics

  STPS20SM100S Datasheet HTML 1Page - STMicroelectronics STPS20SM100S Datasheet HTML 2Page - STMicroelectronics STPS20SM100S Datasheet HTML 3Page - STMicroelectronics STPS20SM100S Datasheet HTML 4Page - STMicroelectronics STPS20SM100S Datasheet HTML 5Page - STMicroelectronics STPS20SM100S Datasheet HTML 6Page - STMicroelectronics STPS20SM100S Datasheet HTML 7Page - STMicroelectronics STPS20SM100S Datasheet HTML 8Page - STMicroelectronics STPS20SM100S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
STPS20SM100S
Characteristics
Doc ID 15524 Rev 2
5/11
Figure 11.
Junction capacitance versus
reverse voltage applied
(typical values)
Figure 12.
Forward voltage drop versus
forward current (terminals 1 and 3
short circuited)
Figure 13.
Thermal resistance junction to
ambient versus copper surface
under tab for D2PAK
Figure 14.
Reverse safe operating area
(tp < 1 µs and Tj < 150 °C)
100
1000
10000
1
10
100
F=1MHz
VOSC=30mVRMS
Tj=25°C
VR(V)
C(pF)
IFM(A)
0
10
20
30
40
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Tj=25°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Typical values)
Tj=125°C
(Typical values)
V
(V)
FM
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
S(cm²)
R
(°C/W)
th(j-a)
Epoxy printed board FR4, copper thickness = 35 µm)
28
30
32
34
36
38
40
42
44
46
100
110
120
130
140
150
Iarm (A)
Varm (V)
Operating area
Forbidden area



Html Pages

1 2 3 4 5 6 7 8 9 10 11