Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STPS745 Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza STPS745
Descripción Electrónicos  Power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS745 Datasheet(HTML) 1 Page - STMicroelectronics

  STPS745_07 Datasheet HTML 1Page - STMicroelectronics STPS745_07 Datasheet HTML 2Page - STMicroelectronics STPS745_07 Datasheet HTML 3Page - STMicroelectronics STPS745_07 Datasheet HTML 4Page - STMicroelectronics STPS745_07 Datasheet HTML 5Page - STMicroelectronics STPS745_07 Datasheet HTML 6Page - STMicroelectronics STPS745_07 Datasheet HTML 7Page - STMicroelectronics STPS745_07 Datasheet HTML 8Page - STMicroelectronics STPS745_07 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
March 2007
Rev 7
1/9
9
STPS745
Power Schottky rectifier
Main product characteristics
Features and Benefits
■ Very small conduction losses
■ Negligible switching losses
■ Extremely fast switching
■ Insulated package: TO-220FPAC
Insulating voltage = 2000 V DC
Capacitance = 12 pF
■ Avalanche capability specified
Description
Single Schottky rectifier suited for Switch Mode
Power Supply and high frequency DC to DC
converters.
Packaged either in TO-220AC, TO-220FPAC or
D2PAK, this device is intended for use in low
voltage, high frequency inverters, free wheeling
and polarity protection applications.
’’‘
IF(AV)
7.5 A
VRRM
45 V
Tj (max)
150° C
VF(max)
0.57 V
TO-220FPAC
STPS745FP
TO-220AC
STPS745D
D2PAK
STPS745G
AK
NC
K
A
A
K
A
K
www.st.com


Número de pieza similar - STPS745_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STPS745D STMICROELECTRONICS-STPS745D Datasheet
82Kb / 7P
POWER SCHOTTKY RECTIFIER
Jun-1999
STPS745D STMICROELECTRONICS-STPS745D Datasheet
139Kb / 9P
Power Schottky rectifier
22-Mar-2007
STPS745D STMICROELECTRONICS-STPS745D Datasheet
515Kb / 14P
Power Schottky rectifier
29-May-2015
STPS745D STMICROELECTRONICS-STPS745D Datasheet
515Kb / 14P
Power Schottky rectifier
29-May-2015
STPS745F STMICROELECTRONICS-STPS745F Datasheet
82Kb / 7P
POWER SCHOTTKY RECTIFIER
Jun-1999
More results

Descripción similar - STPS745_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com