| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LRIS2K Datasheet(PDF) 95 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LRIS2K Datasheet(HTML) 95 Page - STMicroelectronics |
|
95 / 98 page ![]() LRIS2K Application family identifier (AFI) (informative) Doc ID 13888 Rev 9 95/98 Appendix C Application family identifier (AFI) (informative) The AFI (application family identifier) represents the type of application targeted by the VCD and is used to extract from all the LRIS2K present only the LRIS2K meeting the required application criteria. It is programmed by the LRIS2K issuer (the purchaser of the LRIS2K). Once locked, it cannot be modified. The most significant nibble of the AFI is used to code one specific or all application families, as defined in Table 96. The least significant nibble of the AFI is used to code one specific or all application subfamilies. Subfamily codes different from 0 are proprietary. Table 96. AFI coding(1) 1. X = '1' to 'F', Y = '1' to 'F' AFI Most significant nibble AFI Least significant nibble Meaning VICCs respond from Examples / Note ‘0’ ‘0’ All families and subfamilies No applicative preselection ‘X’ '0 'All subfamilies of family X Wide applicative preselection 'X '‘Y’ Only the Yth subfamily of family X ‘0’ ‘Y’ Proprietary subfamily Y only ‘1 '‘0’, ‘Y’ Transport Mass transit, Bus, Airline,... '2 '‘0’, ‘Y’ Financial IEP, Banking, Retail,... '3 '‘0’, ‘Y’ Identification Access Control,... '4 '‘0’, ‘Y’ Telecommunication Public Telephony, GSM,... ‘5’ ‘0’, ‘Y’ Medical '6 '‘0’, ‘Y’ Multimedia Internet services.... '7 '‘0’, ‘Y’ Gaming 8 '‘0’, ‘Y’ Data Storage Portable Files,... '9 '‘0’, ‘Y’ Item Management 'A '‘0’, ‘Y’ Express Parcels 'B '‘0’, ‘Y’ Postal Services 'C '‘0’, ‘Y’ Airline Bags 'D '‘0’, ‘Y’ RFU 'E '‘0’, ‘Y’ RFU ‘F’ ‘0’, ‘Y’ RFU |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |