| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STA8088EXG Datasheet(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA8088EXG Datasheet(HTML) 8 Page - STMicroelectronics |
|
8 / 24 page ![]() Table 2. TFBGA169 ball out (no CAN) 1 2 3 4 5 6 78910 11 12 13 A GNDIO USB_DM (UART1_RX) USB_DP (UART1_TX) N.C. FSMC ADD22 (P1.30) FSMC ADD18 (P1.26) FSMC ADD9 (P1.17) FSMC ADD16 (P1.24) FSMC DATA15 FSMC DATA8 FSMC DATA5 FSMC DATA4 GNDIO B VDDIO_r2 I2C_SD (P0.8) I2C_SCLK (P0.9) N.C. FSMC ADD23 (P1.31) FSMC ADD19 (P1.27) FSMC ADD6 (P1.14) FSMC ADD10 (P1.18) FSMC DATA14 FSMC DATA2 VDDIO_r3 FSMC BLn1 FSMC BLn0 C MSPOUT SCLK (P0.31) MSPOUT LRCLK (P0.30) MSPOUT_SD/ Iopwrsel_r2 (P0.29) VDDIO_r5 FSMC WTn FSMC ADD20 (P1.28) FSMC ADD1 (P1.9) FSMC ADD14 (P1.22) FSMC DATA12 FSMC DATA10 FSMC CS2 FSMC_CS3/ Iopwrsel_r3 FSMC DATA0 DMMC_CLK MMC_CMD (P0.28) VDD18 MVR VDD12_MVR FSMC WEN FSMC ADD21 (P1.29) FSMC ADD2 (P1.10) FSMC ADD11 (P1.19) FSMC CLK FSMC ADV FSMC DATA9 FSMC CS1 FSMC CS0 E MMC_D0 (P0.20) MMC_D1 (P0.21) MMC_D2 (P0.22) MMC_D3 (P0.23) FSMC OutEN FSMC ADD4 (P1.12) FSMC ADD7 (P1.15) FSMC ADD17 (P1.25) FSMC ADD13 (P1.21) FSMC DATA1 FSMC DATA3 GPIO2 (P0.2) GPIO5 (P0.5) F MMC_D4 (P0.24) MMC_D5 (P0.25) MMC_D6 (P0.26) MMC_D7 (P0.27) FSMC ADD5 (P1.13) FSMC ADD3 (P1.11) FSMC ADD0 (P1.8) FSMC ADD8 (P1.16) FSMC ADD12 (P1.20) FSMC DATA7 SPI_CLK (P1.1) GPIO1 (P0.1) GPIO4 (P0.4) G TMS TRSTn TDI TCK GND GND GND VDD18 MVR FSMC DATA11 FSMC DATA6 SPI_DO (P1.3) VDDIO_r1 GPIO7 (P0.7) H VRF12 RFADC TP_IF_P GND_RF TDO VDD12 LPVR GNDIO GND GND FSMC ADD15 (P1.23) FSMC DATA13 SPI_DI (P1.2) GPIO3 (P0.3) GPIO6 (P0.6) J VRF12 LNA TP_IF_N GND_RF GND_RF STBY_OUT STDBYn VDD12_MVR VDD LPVR VDD12_MVR PPS_OUT SPI_CSN/ IOpwrsel_r1 (P1.0) UART0 RTS (P0.14) GPIO0 (P0.0) K LNA IN GND LNA GND_RF GND_RF GND_RF GND_RF WAKEUP RSTn ADC_IN8 VDDIO_r4 UART2_TX/ BOOT_0 (P1.5) UART2_RX (P1.4) UART0_TX/ BOOT_1 (P1.7) L GND LNA GND LNA GND_RF GND_RF VRF12 RFVCO VRF12 RFDIG ADC_IN1 ADC_IN4 ADC_IN2 SQI_SIO2 (P0.12) SQI_SCK UART0 DTR (P0.18) UART0_RX (P1.6) M LNA OUT VRF18 RFVR GND_RF GND_RF VRF12 MIX XTAL OUT ADC_IN3 ADC_IN6 RTC_XTI SQI_SIO1 (P0.11) SQI_Cen/ Iopwrsel_r4 (P0.19) UART0 CTS (P0.15) UART0 DSR (P0.16) N GND_RF VRF12OUT RFVR VRF12 RFA RFA IN VRF12_IF XTAL IN ADC_IN7 ADC_IN5 RTC_XTO SQI_SIO3 (P0.13) SQI_SIO0 (P0.10) UART0 DCD (P0.17) GNDIO |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |