| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DBMM25SW Datasheet(PDF) 175 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DBMM25SW Datasheet(HTML) 175 Page - ITT Industries |
|
175 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 174 D Subminiature Space/High Reliability 90 ° PC Tail with Plastic Bracket Plug Reader’s Resource For contact cavity arrangements, see page 224. For P.C. hole patterns, see page 272. For panel cutouts, see page 221. Part Numbers Shell Size Layout Part Number DE 9 DEM9PLNM* DA 15 DAM15PLNM* DB 25 DBM25PLNM* DC 37 DCM37PLNM* DD 50 DDM50PLNM* Notes: * For Residual Magnetism Level of 200 gamma, add B. Example: DEM9PLNMB For shells with 50 microinches gold, add K52. Example: DEM9PLNMK52 Dimensions Shell Size A ±0,38 (.015) B ±0,13 (.005) C ±0,13 (.005) D ±0,13 (.005) E ±0,38 (.015) F ±0,25 (.010) W ±0,368 (.0145) W ±0,41 (.016) L ±0,25 (.010) M ±0,25 (.010) N ±0,13 (.005) DE 30,81 (1.213) 16,92 (.666) 24,99 (.984) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,693 (.2635) — 0,76 (.030) 12,30 (.484) 8,64 (.340) DA 39,14 (1.541) 25,25 (.994) 33,32 (1.312) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,693 (.2635) — 0,76 (.030) 12,30 (.484) 8,64 (.340) DB 53,04 (2.088) 38,96 (1.534) 47,04 (1.852) 8,36 (.329) 12,55 (.494) 10,82 (.426) — 6,84 (.269) 0,99 (.039) 12,30 (.484) 8,64 (.340) DC 69,32 (2.729) 55,42 (2.182) 63,50 (2.500) 8,36 (.329) 12,55 (.494) 10,82 (.426) — 6,84 (.269) 0,99 (.039) 12,30 (.484) 8,64 (.340) DD 66,93 (2.635) 52,81 (2.079) 61,11 (2.406) 11,07 (.436) 15,37 (.605) 10,82 (.426) — 6,84 (.269) 0,99 (.039) 15,09 (.594) 10,04 (.395) Engaging Face DD Configuration A C B ED 10 ° Ø 0,76 (.030) M N Ø 3,05 (.120) 2,84 (.112) 7,18 ± 0,25 (.283 ± .010) 5,68 (.224) L 4,01 ± 0,69 (.158 ± .027) 2,84 (.112) F W 7,18 ± 0,25 (.283 ± .010) 4,01 ± 0,69 (.158 ± .027) |