Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DBMM25SW Datasheet(PDF) 177 Page - ITT Industries

No. de pieza DBMM25SW
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DBMM25SW Datasheet(HTML) 177 Page - ITT Industries

Back Button DBMM25SW Datasheet HTML 173Page - ITT Industries DBMM25SW Datasheet HTML 174Page - ITT Industries DBMM25SW Datasheet HTML 175Page - ITT Industries DBMM25SW Datasheet HTML 176Page - ITT Industries DBMM25SW Datasheet HTML 177Page - ITT Industries DBMM25SW Datasheet HTML 178Page - ITT Industries DBMM25SW Datasheet HTML 179Page - ITT Industries DBMM25SW Datasheet HTML 180Page - ITT Industries DBMM25SW Datasheet HTML 181Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
176
D Subminiature
Space/High Reliability
90
° Solder Contact PCB Connector — European Footprint
Plug
Reader’s Resource
For contact cavity arrangements,
see page 224.
For P.C. hole patterns, see page 273.
For panel cutouts, see page 221.
For hardware views (Standard), see page 226.
Part Numbers
Shell Size
Layout
Through Hole
Dual Float Mount
DE
9
DEM9PNM*1AON
DEMY9PNM*1AON
DA
15
DAM15PNM*1AON
DAMY15PNM*1AON
DB
25
DBM25PNM*1AON
DBMY25PNM*1AON
DC
37
DCM37PNM*1AON
DCMY37PNM*1AON
DD
50
DDM50PNM*1AON
DDMY50PNM*1AON
Notes: * For Residual Magnetism Level of 200 gamma, add B. Example: DEM9PNMB1AON
For shells with 50 microinches gold, add K52. DEM9PNM1AONK52
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,368 (.0145)
W
±0,41 (.016)
K
±0,317 (.0125)
K
±0,25 (.010)
L
±0,25 (.010)
DE
30,81 (1.213)
16,92 (.666)
24,99 (.984)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
1,206 (.0475)
—
0,76 (.030)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
1,206 (.0475)
—
0,76 (.030)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
—
1,52 (.060)
0,99 (.039)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
—
1,52 (.060)
0,99 (.039)
DD
66,93 (2.635)
52,81 (2.079)
61,11 (2.406)
11,07 (.436)
15,37 (.605)
10,82 (.426)
—
6,84 (.269)
—
1,52 (.060)
0,99 (.039)
DD Configuration
Engaging Face
10
°
A
C
E
D
B
Ø 0,60
(.024)
Ø 3,05
(.120)
2,54
(.100)
9,40
± 0,20
(.370
± .008)
K
L
5,08
(.200)
5,00
(.197)
2,54
(.100)
9,40
± 0,20
(.370
± .008)
W
F
5,00
(.197)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More