| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DEMM9P Datasheet(PDF) 18 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DEMM9P Datasheet(HTML) 18 Page - ITT Industries |
|
18 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 17 D Subminiature D*M 90 ° Solder Termination (Machined) — Standard Footprint .318 or .283 inch Part Numbers Shell Size Layout Bracket Bracket & Boardlock Bracket & Screw Lock #4-40 UNC Bracket, Boardlock & Screw Lock #4-40 UNC DE 9 DEMP9SJA197 DEMC9SJA197 DEMD9SJA197 DEMG9SJA197 DA 15 DAMP15SJA197 DAMC15SJA197 DAMD15SJA197 DAMG15SJA197 DB 25 DBMP25SJA197 DBMC25SJA197 DBMD25SJA197 DBMG25SJA197 DC 37 DCMP37SJA197 DCMC37SJA197 DCMD37SJA197 DCMG37SJA197 DD 50 DDMP50SJA197 DDMC50SJA197 DDMD50SJA197 DDMG50SJA197 Note: For contacts with 30 microinches gold substitute K126 for A197. Example: DAMG15SJK126 Dimensions Shell Size A ±0,38 (.015) B ±0,13 (.005) C ±0,13 (.005) D ±0,13 (.005) E ±0,38 (.015) F ±0,25 (.010) W ±0,38 (.015) L ±0,25 (.010) M ±0,25 (.010) N ±0,25 (.010) DE 30,81 (1.213) 16,33 (.643) 24,99 (.984) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 0,76 (.030) 12,34 (.486) 8,64 (.340) DA 39,14 (1.541) 24,66 (.971) 33,32 (1.312) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 0,76 (.030) 12,34 (.486) 8,64 (.340) DB 53,04 (2.088) 38,38 (1.511) 47,04 (1.852) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 0,76 (.030) 12,34 (.486) 8,64 (.340) DC 69,32 (2.729) 54,84 (2.159) 63,50 (2.500) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 0,76 (.030) 12,34 (.486) 8,64 (.340) DD 66,93 (2.635) 52,42 (2.064) 61,11 (2.406) 10,74 (.423) 15,37 (.605) 10,90 (.429) 6,94 (.273) 0,76 (.030) 13,74 (.541) 10,06 (.396) Connector footprint measured from the front shell. Connector footprint measured from the rear shell. Receptacle Engaging Face Screw lock and boardlock removed for clarity Screw lock and boardlock removed for clarity BOARDLOCK A C B D E Ø 0,76 (.030) 10 ° 2,92 (.115) Note: Dimension varies with alternate bracket configuration. See Reader’s Resource page 226. Selection Guide For Product Features, Specifications, Materials and Finishes, see pages 14-15. Reader’s Resource For contact cavity arrangements, see page 224. For P.C. hole patterns, see page 272. For panel cutouts, see page 221. For hardware views (Standard), see page 226. For alternate bracket configuration (when connectors are supplied without boardlocks), see page 226. 6,50 ± 0,25 (.256 ± .010) M N RIVNUT #4-40 UNC SCREW LOCK #4-40 UNC BRACKET, METAL 5,68 (.224) 7,18 ± 0,25 (.283 ± .010) 4,33 ± 0,38 (.170 ± .015) 2,84 (.112) L 7,18 ± 0,25 (.283 ± .010) 4,33 ± 0,38 (.170 ± .015) 2,84 (.112) F W DD Configuration |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |