Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RT9187C Datasheet(PDF) 2 Page - Richtek Technology Corporation

No. de pieza RT9187C
Descripción Electrónicos  600mA, Ultra-Low Dropout, CMOS Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RICHTEK [Richtek Technology Corporation]
Página de inicio  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9187C Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9187C Datasheet HTML 1Page - Richtek Technology Corporation RT9187C Datasheet HTML 2Page - Richtek Technology Corporation RT9187C Datasheet HTML 3Page - Richtek Technology Corporation RT9187C Datasheet HTML 4Page - Richtek Technology Corporation RT9187C Datasheet HTML 5Page - Richtek Technology Corporation RT9187C Datasheet HTML 6Page - Richtek Technology Corporation RT9187C Datasheet HTML 7Page - Richtek Technology Corporation RT9187C Datasheet HTML 8Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RT9187C
2
DS9187C-00 June 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
Function Pin Description
Note : The value of R2 should be less than 100k
Ω
Ω
Ω
Ω
Ω to maintain regulation.
Pin No.
Pin Name
Pin Function
1
VIN
Voltage Input.
2
GND
Ground.
3
EN
Chip Enable (Active High).
4
ADJ
Output Voltage Feedback.
5
VOUT
Voltage Output.
Function Block Diagram
+
-
VREF
Quick start
EN
OTP
POR
BIAS
Current Limit
EN
VIN
VOUT
ADJ
GND
VOUT
VIN
GND
VOUT
RT9187C
COUT
2.2µF
2.2µF
ADJ
EN
CIN
VIN
R1
R2
Chip Enable
1
3
4
5
2
OUT
REF
R1
V
= V
x 1 +
(V)
R2
⎛⎞
⎜⎟
⎝⎠



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com