Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RT9011-RQPQW Datasheet(PDF) 2 Page - Richtek Technology Corporation

No. de pieza RT9011-RQPQW
Descripción Electrónicos  Portable Power Management 300mA Dual LDO Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RICHTEK [Richtek Technology Corporation]
Página de inicio  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9011-RQPQW Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9011-RQPQW Datasheet HTML 1Page - Richtek Technology Corporation RT9011-RQPQW Datasheet HTML 2Page - Richtek Technology Corporation RT9011-RQPQW Datasheet HTML 3Page - Richtek Technology Corporation RT9011-RQPQW Datasheet HTML 4Page - Richtek Technology Corporation RT9011-RQPQW Datasheet HTML 5Page - Richtek Technology Corporation RT9011-RQPQW Datasheet HTML 6Page - Richtek Technology Corporation RT9011-RQPQW Datasheet HTML 7Page - Richtek Technology Corporation RT9011-RQPQW Datasheet HTML 8Page - Richtek Technology Corporation RT9011-RQPQW Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
RT9011
2
DS9011-08 April 2011
www.richtek.com
Functional Pin Description
Pin No.
Pin Name
Pin Function
TSOT-23-6
WDFN-8L
2x2
WDFN-10L
3x3
WDFN-8L
3x3
WDFN-6L
1.6x1.6
5
1
1
1
1
VIN
Supply Input.
4
2
2
2
2
EN1
Chip Enable1 (Active High).
3
3
3
3
3
EN2
Chip Enable2 (Active High).
2
5,
Exposed
Pad (9)
6,
Exposed
Pad (11)
6,
Exposed
Pad (9)
4,
Exposed
Pad (7)
GND
Common Ground. The exposed pad must be
soldered to a large PCB and connected to
GND for maximum power dissipation.
1
7
9
5
5
VOUT2
Channel 2 Output Voltage.
6
8
10
8
6
VOUT1
Channel 1 Output Voltage.
--
4, 6
4, 5, 7, 8
4, 7
--
NC
No Internal Connection.
Typical Application Circuit
EN1
EN2
VOUT2
VOUT1
RT9011
GND
VIN
1uF
V
OUT1
1uF
V
OUT2
1uF
V
IN
Chip Enable
C
IN
C
OUT1
C
OUT2
Pin Configurations
(TOP VIEW)
WDFN-8L 3x3
VIN
NC
EN1
VOUT1
NC
GND
VOUT2
EN2
7
6
5
1
2
3
4
8
GND
9
WDFN-6L 1.6x1.6
VIN
EN2
VOUT1
GND
VOUT2
EN1
1
2
3
5
4
6
GND
7
WDFN-10L 3x3
VIN
EN1
NC
NC
VOUT1
VOUT2
NC
GND
NC
EN2
9
8
7
1
2
3
4
5
10
11
GND
WDFN-8L 2x2
VIN
NC
EN1
VOUT1
VOUT2
NC
GND
EN2
7
6
5
1
2
3
4
8
GND
9
TSOT-23-6
4
23
5
6
VIN EN1
VOUT1
GND EN2
VOUT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com